Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4443A-110 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # E4443A-110
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4443A-110 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button E4443A-110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4443A-110 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6
Frequency Specifications (continued)
Analysis bandwidth 1
Maximum bandwidth
with Option 140 2
40 MHz
with Option 122 2
80 MHz
with Option B7J
10 MHz
1. Analysis bandwidth is the instantaneous bandwidth available around a center frequency over which the input signal can be digitized for further
analysis or processing in the time, frequency, or modulation domain.
2. Not available for E4447A.
Video bandwidth (VBW)
Range
1 Hz to 3 MHz (10% steps), 4, 5, 6, 8 MHz and wide open
Accuracy
±6% nominal
Stability3
Noise sidebands
(20 °C to 30 °C, CF = 1 GHz)
Offset
Specification
Typical
100 Hz
–91 dBc/Hz
–96 dBc/Hz
1 kHz
–103 dBc/Hz
–108 dBc/Hz
10 kHz
–116 dBc/Hz
–118 dBc/Hz
30 kHz
–116 dBc/Hz
–118 dBc/Hz
100 kHz
–122 dBc/Hz
–124 dBc/Hz
1 MHz
–145 dBc/Hz
–147 dBc/Hz, –148 dBc/Hz nominal
6 MHz
–154 dBc/Hz
–156 dBc/Hz, –156.5 dBc/Hz nominal
10 MHz
–156 dBc/Hz
–157.5 dBc/Hz, –158 dBc/Hz nominal
Residual FM
< (1 Hz X N) p-p in 1 s, typical, see frequency range for N (harmonic number)
3. For nominal values, refer to Figure 1.
Nominal Phase Noise at Common Cellular Communication Frequencies,
£ (f) Optimized versus f
Offset Frequency (kHz)
0.1
1
10
100
1000
10000
2 GHz
1 GHz
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
Figure 1. Nominal phase noise at common cellular frequencies


Similar Part No. - E4443A-110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4443A HP-E4443A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4443A-110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com