Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62FP3301MH Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC62FP3301MH
Description  POSITIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3301MH Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC62FP3301MH Datasheet HTML 3Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 4Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 5Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 6Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 7Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 8Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 9Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 10Page - Torex Semiconductor XC62FP3301MH Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ta=25
°C
XC62FP3002 VOUT(T)=3.0V (Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E) (Note2)
IOUT=40mA
VIN=4.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)
≥ 2.7V
VIN=4.0V
1mA
≤ IOUT ≤ 80mA
Ta=25
°C
XC62FP2002 VOUT(T)=2.0V (Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E) (Note2)
IOUT=40mA
VIN=3.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=3.0V, VOUT(E)
≥ 1.8V
VIN=3.0V
1mA
≤ IOUT ≤ 60mA
MIN
2.940
2.0
150
TYP
3.000
45
90
MAX
3.060
4.5
UNITS
V
mV
µA
mA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
180
360
mV
1
Vdif1
IOUT=80mA
700
400
mV
1
Vdif2
IOUT=160mA
VIN=4.0V
Supply Current
ISS
10
V
Input Voltage
VIN
Input Stability
IOUT=40mA
4.0V
≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/
°C
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-40
°C ≤ Topr ≤ 85°C
∆VOUT
∆Topr VOUT
MIN
1.960
2.0
100
TYP
2.000
45
90
MAX
2.040
4.5
UNITS
V
mV
µA
mA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
180
360
mV
1
Vdif1
IOUT=60mA
700
400
mV
1
Vdif2
IOUT=120mA
VIN=3.0V
Supply Current
ISS
10
V
Input Voltage
VIN
Input Stability
IOUT=40mA
3.0V
≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/
°C
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-40
°C ≤ Topr ≤ 85°C
∆VOUT
∆Topr VOUT
1. VOUT(T)=Specified Output Voltage .
2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
3. Vdif= {VIN1 (Note4)-VOUT (E)}
4. VIN1= The input voltage at the time 98% of VOUT(E) is output (input voltage has been gradually reduced).
Note:
XC62FP
Series
291
3
03S_05XC62FP 02.9.12 3:01 PM ページ 291


Similar Part No. - XC62FP3301MH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FP3001LB TOREX-XC62FP3001LB Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LH TOREX-XC62FP3001LH Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LL TOREX-XC62FP3001LL Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LR TOREX-XC62FP3001LR Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001MB TOREX-XC62FP3001MB Datasheet
293Kb / 16P
   Positive Voltage Regulators
More results

Similar Description - XC62FP3301MH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com