Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5160BRJ50-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5160BRJ50-RL7
Description  256-Position SPI Compatible Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJ50-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5160BRJ50-RL7 Datasheet HTML 7Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 8Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 9Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 10Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 11Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 12Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 13Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 14Page - Analog Devices AD5160BRJ50-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5160
Rev. 0 | Page 11 of 16
SPI INTERFACE
Table 5. AD5160 Serial Data-Word Format
B7
B6
B5
B4
B3
B2
B1
B0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
27
20
SDI
CLK
CS
VOUT
1
0
1
0
1
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
RDAC REGISTER LOAD
Figure 36. AD5160 SPI Interface Timing Diagram
(VA = 5 V, VB = 0 V, VW = VOUT
)
tCSHO
tCSS
tCL
tCH
tDS
tCSW
tS
tCS1
tCSH1
tCH
SDI
CLK
CS
VOUT
1
0
1
0
1
0
VDD
0
±1LSB
(DATA IN)
Dx
Dx
Figure 37. SPI Interface Detailed Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT
)


Similar Part No. - AD5160BRJ50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results

Similar Description - AD5160BRJ50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com