Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1610A Datasheet(PDF) 11 Page - Keysight Technologies

Part # U1610A
Description  Handheld Digital Oscilloscopes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1610A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button U1610A Datasheet HTML 5Page - Keysight Technologies U1610A Datasheet HTML 6Page - Keysight Technologies U1610A Datasheet HTML 7Page - Keysight Technologies U1610A Datasheet HTML 8Page - Keysight Technologies U1610A Datasheet HTML 9Page - Keysight Technologies U1610A Datasheet HTML 10Page - Keysight Technologies U1610A Datasheet HTML 11Page - Keysight Technologies U1610A Datasheet HTML 12Page - Keysight Technologies U1610A Datasheet HTML 13Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
일반 사양
전원 공급기
전원 어댑터
라인 전압 범위
: 50/60 Hz, 100 ~ 240 VAC, 1.6 A
출력 전압
: 15 VDC, 4 A
설치 카테고리
II
배터리
리튬 이온 충전식 배터리팩
, 10.8 V
작동 시간
: 최대 3시간
작동 환경
온도
0
~ 50 °C (배터리만 사용)
0
~ 40 °C (전원 어댑터 사용)
습도
0
~ 80% RH (0 ~ 35 °C)
0
~ 50% RH (35 ~ 40/50 °C)
고도
: 최대 2000 m
오염도 2
스토리지 인증
온도
-20 ~ 70 °C
습도
0
~ 80% RH
고도
: 최대 15000 m
충격
IEC 60068-2-27에 따라 테스트를 거침
진동
IEC 60068-2-6, IEC 60068-2-64에 따라 테스트를 거침
안전성 인증
IEC 61010-1:2001/EN 61010-1:2001
캐나다
: CAN/CSA-C22.2 No. 61010-1-04
미국
: ANSI/UL 61010-1:2004
EMC 인증
IEC 61326-1: 2005/EN 61326-1:2006
호주
/뉴질랜드 : AS/NZS CISPR 11:2004
캐나다
: ICES/NMB-001:ISSUE 4, June 2006
IP 등급
IP 41 (진입 보호)- IEC 60529에 따름
크기
(W × H × D)
183
x 270 x 65 mm
무게
2
.5 kg 미만
보증
메인 장비의 경우 3년
기본 배송 액세서리의 경우 3개월
(달리 명시되지 않은 경우)


Similar Part No. - U1610A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1610A KEYSIGHT-U1610A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1610A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com