Electronic Components Datasheet Search |
|
U1604B Datasheet(PDF) 10 Page - Keysight Technologies |
|
U1604B Datasheet(HTML) 10 Page - Keysight Technologies |
10 / 12 page 10 | Keysight | U1600 Series Handheld Digital Oscilloscopes - Data Sheet OPTIONAL ACCESSORIES Item Description U1168A Standard test lead kit (with 19-mm and 4-mm probe tips) • Test leads: CAT III 1000 V, CAT IV 600 V, 15 A • Test probes (19-mm tip): CAT II 1000 V, 15 A • Test probe (4-mm tip): CAT III 1000 V, CAT IV 600 V, 15 A (highly recommended for CAT IV environment) • Alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A • Fine tip test probes: CAT II 300 V, 3 A • SMT grabber: CAT II 300 V, 3 A • Mini grabber (black only): CAT II 300V, 3 A U1161A Extended test lead kit • Includes two test leads (red and black), two test probes, medium sized alligator clips and 4 mm banana plugs • Test leads: CAT III 1000 V, CAT IV 600 V, 15 A • Test probes: CAT lll 1000 V, CAT lV 600 V, 15 A • Medium Sized Alligator Clips: CAT III 1000 V, CAT IV 600 V, 15 A • 4 mm Banana Plugs: CAT II 600 V, 10 A U1162A Alligator clips • One pair of insulated alligator clips (red and black) • Recommended for use with Keysight standard testleads • Rated CAT III 1000 V, CAT IV 600 V, 15 A U1163A SMT grabbers • One pair of SMT grabbers (red and black) • Recommended for use with Keysight standard test leads • Rated CAT II 300 V, 3 A U1164A Fine-tip test probes • One pair of insulated alligator clips (red and black) • Recommended for use with Keysight standard test leads • Rated CAT II 300 V, 3 A U1169A Test probe leads (with 19-mm tips and 4-mm tips) • Test leads: CAT III 1000 V, CAT IV 600 V, 15 A • Test probe (19-mm tip): CAT II 1000 V, 15 A • Test probe (4-mm tip): CAT III 1000 V, CAT IV 600 V, 15 A (highly recommended for CAT IV environment) U1181A Immersion temperature probe • Type-K thermocouple for use in oil and other liquids temperature measurements • Measurement range: –50 °C to 700 °C • Temperature module (U1586A) is required to connect to DMM inputs of the handheld scope • U1184A Temperature probe adapter included for use with DMMs U1182A Industrial surface temperature probe • Type-K thermocouple for use in still surface temperature measurements • Measurement range: –50 °C to 400 °C • Temperature module (U1586A) is required to connect to DMM inputs of the handheld scope • U1184A Temperature probe adapter included for use with DMMs U1183A Air temperature probe • Type-K thermocouple for use in air and non-caustic gas temperature measurements • Measurement range: –50 °C to 800 °C • Temperature module (U1586A) is required to connect to DMM inputs of the handheld scope • U1184A Temperature probe adapter included for use with DMMs |
Similar Part No. - U1604B |
|
Similar Description - U1604B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |