Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1602B Datasheet(PDF) 2 Page - Keysight Technologies

Part # U1602B
Description  Handheld Digital Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1602B Datasheet(HTML) 2 Page - Keysight Technologies

  U1602B Datasheet HTML 1Page - Keysight Technologies U1602B Datasheet HTML 2Page - Keysight Technologies U1602B Datasheet HTML 3Page - Keysight Technologies U1602B Datasheet HTML 4Page - Keysight Technologies U1602B Datasheet HTML 5Page - Keysight Technologies U1602B Datasheet HTML 6Page - Keysight Technologies U1602B Datasheet HTML 7Page - Keysight Technologies U1602B Datasheet HTML 8Page - Keysight Technologies U1602B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Introduction
Delivering more functionality and performance with a handheld
digital oscilloscope
The Keysight Technologies, Inc. U1600 Series handheld digital oscilloscope has a
4.5-inch LCD color display, which helps to clearly distinguish waveforms between two
channels. This U1600 Series provides a high performance troubleshooting and quality
assurance tool for technical professionals in the installation, maintenance, service,
and automotive industries. The U1600 Series consists of four models: U1602B – 20
MHz oscilloscope and U1604B – 40 MHz oscilloscope. Each model has a real-time
sampling rate of up to 200 MSa/s. Users can use the Dual Waveform Math (DWM)
and Fast Fourier Transform (FFT) functions (in the U1604B model) to perform quick
waveform analyses in both time and frequency domains.
The built-in 6000 resolution count true RMS digital multimeter (DMM) comes with an
auto-range feature that gives users the lexibility to perform quick and accurate meter
measurements including voltage, resistance, and auxiliary measurements. In addition,
the standard versions of the U1600 Series models also contain a data
logger function.
The series’ latest oscilloscopes, the U1602B and U1604B come in vivid orange cases,
offering capabilities and functions equivalent to the U1600A Series.
A scope, true RMS DMM, a real-time data logger in one instrument
The U1600 Series is a robust, high performance and reliable handheld waveform
and meter measurement tool for today’s challenging industrial environments. Not
only do these instruments provide fully featured oscilloscope functions, but also a
6,000-count true RMS DMM with real-time data logger. The DMM measurement
functions include a voltmeter (for DC voltage, AC voltage and true RMS AC + DC
voltage measurements), an ohmmeter (for 2-wire resistance, capacitance, diode and
continuity tests), and an auxiliary meter (for temperature, ampere measurement)*.
* additional accessories required and offered as optional
Features
– Three-in-one solution: Dual
channel oscilloscope, True
RMS DMM, and Real-Time
Data Logger
– Large 4.5” color LCD display
– Up to 40 MHz bandwidth with
advanced triggering
– Up to 200 MSa/s sampling
rate
– Up to 125 000 points recording
length
– 22 automatic scope measure-
ment functions available
– 6,000-count DMM resolution
with built-in measurement
functions including voltmeter,
ohmmeter, and auxiliary meter
– Zoom and Dual Waveform
Math functions (additional FFT
function with four window-
ing techniques available in
U1604B)
– Full remote control and data
transfer via PC Link application
software
– USB 2.0 full-speed interface
connectivity
– Multi-language Quick Help
support


Similar Part No. - U1602B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1602B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com