Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4983A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N4983A
Description  N4983A Multiplexer and Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4983A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N4983A Datasheet HTML 4Page - Keysight Technologies N4983A Datasheet HTML 5Page - Keysight Technologies N4983A Datasheet HTML 6Page - Keysight Technologies N4983A Datasheet HTML 7Page - Keysight Technologies N4983A Datasheet HTML 8Page - Keysight Technologies N4983A Datasheet HTML 9Page - Keysight Technologies N4983A Datasheet HTML 10Page - Keysight Technologies N4983A Datasheet HTML 11Page - Keysight Technologies N4983A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 | Keysight | N4983A Multiplexer and Demultiplexer - Data Sheet
N4983A-D40 44 Gb/s demultiplexer
Description
The N4983A-D40 is a broadband 1 to 4
demultiplexer (DEMUX) with continuous
coverage from 2.6 to 44 Gb/s. Differential
data inputs are DC coupled and
terminated with 50 Ω resistors to minimize
reflections. The DEMUX operates from a
half rate single-ended, clock input. The
module features single-ended AC coupled
data outputs. Power supply of negative 3.6
V is required.
Applications
The N4983A demulitplexer 1:4, can
be used in telecom applications operating
at transmission speeds within the
demuliplexer’s 2.6 to 44 Gb/s input rate.
Broadband test systems will benefit from
the low power dissipation, precision
connectors, and excellent output
waveform characteristics. The compact
size of the module allows the N4983A
demulitplexer to be placed at the
measurement plane, reducing or
eliminating artifacts related to long cables.
Parameter
N4983A-M40
Units
Data input
Bit Rate
2.6 to 44.0
Gb/s
Amplitude range (single-ended)
150 to 1000
mV p-p
Clock Input
Type
Half-rate
Frequency
1.3 to 22
GHz
Amplitude range
200 to 1400
mV p-p
Data Output1
Bit Rate
0.65 to 11.0
Gb/s
Amplitude (typical single-ended)
> 230
mV p-p
Jitter rms (typical)
< 1
ps
Rise/Fall time (typical 20-80%)
12
ps
DC Supply
Voltage
-3.6
V
Current (nominal)
300
mA
Table 4
Table 5
1. Data output eye parameters (amplitude, jitter, rise/fall time) measured with Keysight 86100D
Infiniium DCA-X Oscilloscope, with 86107A Precision Time Base and 86118A 70 GHz Remote
Sampling Head modules.
Absolute maximum rating
Parameter
Value
Supply voltage (VEE)
–4.0 V
Data input (DI, DIN)
2.0 Vpp
Clock input power (CKI)
+10 dBm
DC input voltage to CKI, DI, DIN
± 0.5 V
Operating temperature
0 to +70 ºC
Storage temperature
–50 to +125 ºC
Features
– Wide operating range, 2 to 44 Gb/s
– Low output jitter
– Low power consumption
– Fast output rise/fall times
– High input sensitivity
– Half rate clock


Similar Part No. - N4983A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4980A KEYSIGHT-N4980A Datasheet
3Mb / 11P
   Multi-Instrument BERT Software
N4980A-JTS KEYSIGHT-N4980A-JTS Datasheet
3Mb / 11P
   Multi-Instrument BERT Software
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
   Clock Recovery Unit
N4982A-R13 KEYSIGHT-N4982A-R13 Datasheet
1Mb / 3P
   N4982A-R13 Data to Clock Converter
More results

Similar Description - N4983A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251 TI1-SN74CBT3251_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer and Demultiplexer
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com