Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4968A Datasheet(PDF) 4 Page - Keysight Technologies

Part # N4968A
Description  N4968A Clock and Data Demultiplexer 44 Gb/s
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4968A Datasheet(HTML) 4 Page - Keysight Technologies

  N4968A Datasheet HTML 1Page - Keysight Technologies N4968A Datasheet HTML 2Page - Keysight Technologies N4968A Datasheet HTML 3Page - Keysight Technologies N4968A Datasheet HTML 4Page - Keysight Technologies N4968A Datasheet HTML 5Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
04 | Keysight | N4970A PRBS generator 10 Gb/s - Data Sheet
Demux-by-2 Example with 20 Gb/s Data Input
with Full Rate Clock
1. Configuration:
2. Loop A to Clk2 (provide 20 GHz full-rate clock to Demux).
3. Loop E to F.
4. Set Divider 2 to ½.
5. Set Divider 3 and 4 to 1 (provides 10 GHz clock output).
– Data input = 20 Gb/s
– Clock input = 20 GHz
– Data output = 2 x 10 Gb/s
– Clock output = 10 GHz
N4968A
Clk out 1
Clk In 1
Clk out 2
Clk out 3
Clk out 4
Data In +
Data In -
G
D
B
Data Out 4
A
Data Out 3
Data Out 2
Clk In 2
Data Out 1
C
F
E
20 GHz Clock
20 Gb/s Data
2 sets of 2x 10 Gb/s Data
(Use Out 1 and Out 3
or
Use Out 2 and Out 4)
10 GHz Clock
Figure 3. Demux-by-2 with 20 Gb/s data input
Regulatory standards
EMC
Complies with European EMC Directive 2004/108/EC
– IEC/EN 61326-1
– CISPR Pub 11 Group 1, class A
– AS/NZS CISPR 11
– ICES/NMB-001
This ISM device complies with Canadian ICES-001.
Cet appareil ISM est conforme a la norme NMB-001 du Canada.
Ordering information
N4968A clock and data demultiplexer 44 Gb/s. Includes standard
3-year warranty.
Warranty and Calibration Service
For warranty and calibration service information, contact your
local authorized Keysight distributor or Keysight sales
department.
General and Mechanical Parameters
Operating temperature
+10 to +40 °C
Storage temperature
–40 to +70 °C
Power requirements
42 W External AC Adaptor (included)
– 100 to 240 V AC, 47 to 63 Hz, 1.35 A
Physical dimensions (W x H x D)
25.4 x 6.35 x 25.4 cm (7 x 2.5 x 10 inches)
Weight
3.2 kg (7 lbs)
Specifications


Similar Part No. - N4968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4960-60006 KEYSIGHT-N4960-60006 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60018 KEYSIGHT-N4960-60018 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60023 KEYSIGHT-N4960-60023 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60026 KEYSIGHT-N4960-60026 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960A KEYSIGHT-N4960A Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
More results

Similar Description - N4968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4974A KEYSIGHT-N4974A Datasheet
2Mb / 5P
   PRBS Generator 44 Gb/s
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
Maxim Integrated Produc...
MAX3882A MAXIM-MAX3882A Datasheet
220Kb / 13P
   2.488Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier
Rev 2; 4/09
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com