Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G58 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AUP1G58
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G58 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74AUP1G58 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AUP1G58
Document number: DS36853 Rev. 1 - 2
7 of 16
www.diodes.com
June 2015
© Diodes Incorporated
74AUP1G58
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ.
Max
Unit
θJA
Thermal Resistance Junction-
to-Ambient
SOT26
(Note 9)
-
166
-
°C/W
SOT363
-
371
-
X2-DFN0910-6
-
450
-
X2-DFN1010-6
-
445
-
X2-DFN1410-6
-
430
-
θJC
Thermal Resistance Junction-
to-Case
SOT26
(Note 9)
-
46
-
°C/W
SOT363
-
143
-
X2-DFN0910-6
-
255
-
X2-DFN1010-6
-
250
-
X2-DFN1410-6
-
190
-
Note:
9. Test condition for each of the 8 package types: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
Vcc
TYP
Unit
Cpd
Power
Dissipation
Capacitance
f = 1MHz
No Load
0.8 V
4
pF
1.2V ± 0.1V
4
1.5V ± 0.1V
4
1.8V ± 0.15V
4
2.5V ± 0.2V
4.4
3.3 ± 0.3V
4.8
CI
Input
Capacitance
Vi = VCC or GND
0 V or 3.3V
1.1
pF
CO
Output
Capacitance
V0= VCC or GND
0 V
2.0
pF
Switching Characteristics
CL=5pF, See Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
TYP
Max
Min
Max
Min
Max
tpd
A,
B,
or
C
Y
0.8 V
-
28
-
-
-
-
-
ns
1.2 V ± 0.1 V
2.8
7.5
14.7
2.3
14.9
2.3
15.2
1.5 V ± 0.1 V
2.1
4.8
7.7
1.6
8.3
1.6
8.6
1.8 V ± 0.15 V
1.5
4
6.3
1
7
1
7.3
2.5 V ± 0.2 V
1.1
3.2
4.6
0.6
5.2
0.6
5.4
3.3 V ± 0.3 V
1
2.9
4
0.5
4.2
0.5
4.4


Similar Part No. - 74AUP1G58

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G58 NXP-74AUP1G58 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 03-22 June 2009
logo
Fairchild Semiconductor
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
logo
ON Semiconductor
74AUP1G58 ONSEMI-74AUP1G58 Datasheet
588Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.5
logo
Nexperia B.V. All right...
74AUP1G58 NEXPERIA-74AUP1G58 Datasheet
290Kb / 20P
   Low-power configurable multiple function gate
Rev. 9 - 24 January 2022
logo
Fairchild Semiconductor
74AUP1G58FHX FAIRCHILD-74AUP1G58FHX Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
More results

Similar Description - 74AUP1G58

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com