Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1502EM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ACE1502EM
Description  Arithmetic Controller Engine for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1502EM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ACE1502EM Datasheet HTML 2Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 3Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 4Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 5Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 6Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 7Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 8Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 9Page - Fairchild Semiconductor ACE1502EM Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
www.fairchildsemi.com
ACE1502 Product Family Rev. 1.7
Figure 8. Icc Active
Figure 9. HALT Mode Currents
Icc Active (no data EEPROM writes) vs. Temperature
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
-40
0
25
85
125
-40
0
25
85
125
Temperature [
°C]
4.0V
3.6V
2.7V
2.2V
1.8V
1.6V
Icc Active (data EEPROM writes) vs. Temperature
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
Temperature [
°C]
4.0V
3.6V
2.7V
2.2V
1.8V
1.6V
HALT current vs. Temperature
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
18.000
20.000
-40
0
25
85
125
Temperature [
°C]
4.0V
3.6V
2.7V
2.2V
1.8V
1.6V


Similar Part No. - ACE1502EM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150212FM+H ACE-ACE150212FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150233FM+H ACE-ACE150233FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150250FM+H ACE-ACE150250FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1502ADJFM+H ACE-ACE1502ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1502EM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com