Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC30-2412D Datasheet(PDF) 2 Page - Recom International Power

Part # REC30-2412D
Description  Continuous Short Circuit Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-2412D Datasheet(HTML) 2 Page - Recom International Power

  REC30-2412D Datasheet HTML 1Page - Recom International Power REC30-2412D Datasheet HTML 2Page - Recom International Power REC30-2412D Datasheet HTML 3Page - Recom International Power REC30-2412D Datasheet HTML 4Page - Recom International Power REC30-2412D Datasheet HTML 5Page - Recom International Power REC30-2412D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
ECO-2
REV.: 1/2016
www.recom-power.com
REGULATIONS
Parameter
Condition
Type
Values
Output Voltage Accuracy
±1% max.
Voltage Adjustability
±10% max.
Line Voltage Regulation
low line to high line, full load
±0.2% max.
Load Voltage Regulation
10% to 100% load
single output
dual output
±0.5% max.
±1% max.
Cross Regulation
25% to 100% load
dual output
±5% max.
Transient Response Recovery Time
25% load step change
250µS typ.
continued on next page
REC30
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin= 12V
nom. Vin= 24V
nom. Vin= 48V
9VDC
18VDC
36VDC
18VDC
36VDC
75VDC
Start/up Time
10ms
Under Voltage Lockout
nom. Vin= 12V
DC-DC ON
DC-DC OFF
8.3VDC
7.9VDC
nom. Vin= 24V
DC-DC ON
DC-DC OFF
17.4VDC
16.7VDC
nom. Vin= 48V
DC-DC ON
DC-DC OFF
35.7VDC
34.3VDC
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or 3V<Vr<12V
Short or 0V<Vr<1.2V
Operating Frequency
300kHz
Minimum Load
0%
Output Ripple and Noise (2)
100mVp-p
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Efficiency vs. Load
36V
54V
75V
Output Current [A]
0
65
75
70
85
80
90
95
100
1
2
3
4
6
5
18V
24V
36V
Output Current [A]
0
65
75
70
85
80
90
95
100
1
2
3
4
6
5
REC30-485.1S
REC30-2415D
Notes:
Note2: Ripple and Noise is measured with a 20MHz bandwidth and a 0.1µF ceramic capacitor.


Similar Part No. - REC30-2412D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-2412D RECOM-REC30-2412D Datasheet
380Kb / 7P
   30 Watt Single and Dual Output
REC30-2412DRWB RECOM-REC30-2412DRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
REC30-2412DRWZ RECOM-REC30-2412DRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-2412DRWZH RECOM-REC30-2412DRWZH Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-2412DZ RECOM-REC30-2412DZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results

Similar Description - REC30-2412D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com