Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82357A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 82357A
Description  Agilent B1500A Semiconductor Device Analyzer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

82357A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  82357A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
3
Maximum module configuration
The B1500A can contain up to 4 dual-slot
SMUs (HPSMUs) and 2 single-slot SMUs
(MPSMUs and/or HRSMUs); it can contain
up to 10 single-slot SMUs (MPSMUs
and/or HRSMUs); and it can contain any
combination of dual-slot and single-slot
SMUs between these two extremes.
Only one single-slot MFCMU can be
installed per B1500A mainframe. Up to five
single-slot HV-SPGUs can be installed per
mainframe. Up to five single-slot WGFMUs
can be installed per mainframe.
When one or more WGFMU modules are
installed in the B1500A mainframe, the
following table applies. Multiply the values
given below by the number of installed
modules of that type and add the products
together. The sum of the products must be
less than or equal to 59 for the configura-
tion to be permissible.
MPSMU
2
HRSMU
2
HPSMU
14
MFCMU
7
HV-SPGU
12
WGFMU
10
Maximum voltage between common
and ground
≤ ±42 V
Ground unit (GNDU) specification
The GNDU is furnished standard with the
B1500A mainframe.
Output voltage: 0 V ±100 µV
Maximum sink current: ±4.2 A
Output terminal/connection:
Triaxial connector, Kelvin (remote sensing)
GNDU supplemental information
Load capacitance: 1 µF
Cable resistance:
For I
S ≤ 1.6 A: force line R < 1 Ω
For 1.6 A < I
S ≤ 2.0 A: force line R < 0.7 Ω
For 2.0 A < I
S ≤ 4.2 A: force line R < 0.35 Ω
For all cases: sense line R ≤ 10 Ω
Where I
S is the current being sunk by
the GNDU.
MPSMU and HRSMU module specifications
Voltage range, resolution, and accuracy (high resolution ADC)
Voltage range
Force resolution
Measure resolution
Force accuracy¹
Measure accuracy¹
Maximum current
±0.5 V
25 µV
0.5 µV
±(0.018 % + 150 µV)
±(0.01 % + 120 µV)
100 mA
±2 V
100 µV
2 µV
±(0.018 % + 400 µV)
±(0.01 % + 140 µV)
100 mA
±5 V
250 µV
5 µV
±(0.018 % + 750 µV)
±(0.009 % + 250 µV)
100 mA
±20 V
1 mV
20 µV
±(0.018 % + 3 mV)
±(0.009 % + 900 µV)
100 mA
±40 V
2 mV
40 µV
±(0.018 % + 6 mV)
±(0.01 % + 1 mV)
²
±100 V
5 mV
100 µV
±(0.018 % + 15 mV)
±(0.012 % + 2.5 mV)
²
1. ± (% of read value + offset voltage V)
2. 100 mA (Vo ≤ 20 V), 50 mA (20 V < Vo ≤ 40 V), 20 mA (40 V < Vo ≤ 100 V), Vo is the output voltage in Volts.
Current range, resolution, and accuracy (high resolution ADC)
SMU type
Current
range
Force
resolution
Measure
resolution¹,²
Force accuracy³
Measure accuracy³
Maximum
voltage
HRSMU w/ ASU
±1 pA
1 fA
100 aA
±(0.9 %+15 fA)
±(0.9 %+12 fA)
100 V
HRSMU
±10 pA
5 fA
400 aA (with ASU)
1 fA (HRSMU)
±(0.46 %+30 fA+10 aA x Vo)
±(0.46 %+15 fA+10 aA x Vo)
100 V
±100 pA
5 fA
500 aA (with ASU)
2 fA (HRSMU)
±(0.3 %+100 fA+100 aA x Vo) ±(0.3 %+30 fA+100 aA x Vo)
100 V
MPSMU
±1 nA
50 fA
10 fA
±(0.1 %+300 fA+1 fA x Vo)
±(0.1 %+200 fA+1 fA x Vo)
100 V
±10 nA
500 fA
10 fA
±(0.1 %+3 pA+10 fA x Vo)
±(0.1 %+1 pA+10 fA x Vo)
100 V
±100 nA
5 pA
100 fA
±(0.05 %+30 pA+100 fA x Vo) ±(0.05 %+20 pA+100 fA x Vo)
100 V
±1 µA
50 pA
1 pA
±(0.05 %+300 pA+1 pA x Vo)
±(0.05 %+100 pA+1 pA x Vo)
100 V
±10 µA
500 pA
10 pA
±(0.05 %+3 nA+10 pA x Vo)
±(0.04 %+2 nA+10 pA x Vo)
100 V
±100 µA
5 nA
100 pA
±(0.035 %+15 nA+100 pA x Vo) ±(0.03 %+3 nA+100 pA x Vo)
100 V
±1 mA
50 nA
1 nA
±(0.04 %+150 nA+1 nA x Vo)
±(0.03 %+60 nA+1 nA x Vo)
100 V
±10 mA
500 nA
10 nA
±(0.04 %+1.5 µA+10 nA x Vo) ±(0.03 %+200 nA+10 nA x Vo)
100 V
±100 mA
5 µA
100 nA
±(0.045 %+15 µA+100 nA x Vo) ±(0.04 %+6 µA+100 nA x Vo)
4
1. Specified measurement resolution is limited by fundamental noise limits. Minimum displayed resolution is 1 aA at 1 pA range by 6 digits.
2. Measurements made in the lower ranges can be greatly impacted by vibrations and shocks. These specifications assume an environment free of
these factors.
3. ± (% of read value + offset current (fixed part determined by the output/measurement range + proportional part that is multiplied by Vo))
4. 100 V (Io ≤ 20 mA), 40 V (20 mA < Io ≤ 50 mA), 20 V (50 mA < Io ≤ 100 mA), Io is the output current in Amps.


Similar Part No. - 82357A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82357050100 WURTH-82357050100 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357050220 WURTH-82357050220 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357050330 WURTH-82357050330 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357050560 WURTH-82357050560 Datasheet
353Kb / 4P
   40402 ESD Suppressor
82357120050 WURTH-82357120050 Datasheet
353Kb / 4P
   0402 ESD Suppressor "LC"||" "485013
20V P-Channel MOSFET
More results

Similar Description - 82357A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1530A KEYSIGHT-B1530A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com