Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-123.4S Datasheet(PDF) 5 Page - Recom International Power

Part # REC20-123.4S
Description  Continuous Short Circuit Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-123.4S Datasheet(HTML) 5 Page - Recom International Power

  REC20-123.4S Datasheet HTML 1Page - Recom International Power REC20-123.4S Datasheet HTML 2Page - Recom International Power REC20-123.4S Datasheet HTML 3Page - Recom International Power REC20-123.4S Datasheet HTML 4Page - Recom International Power REC20-123.4S Datasheet HTML 5Page - Recom International Power REC20-123.4S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC20
Series
L1
C4
DC
DC
C1
C2
C3
+Vin
-Vin
+Vout
Com
-Vout
EMC Filtering - Suggestions for Class B
ECO-5
REV.: 1/2016
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel plated copper
non conductive black plastic
(UL94V-0) Epoxy
Package Dimension (LxWxH)
50.8 x 25.4 x 10.2mm
Package Weight
27g
Dimension Drawing (mm)
20.32
Bottom View
15.24
15.24
1
5
6
3
2
4
50.8
2.54
Ø1.0
Pin Connections
Pin # Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
Remote On/Off
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin dimension:
±0.05mm
MODEL
C1
C2
L1
C3
C4
REC20-12xxS(D)
10µF/50V
10µF/50V
0.45mH
1nF/2kV
1nF/2kV
REC20-24xxS(D)
4.7µF/50V
NA
0.45mH
1nF/2kV
1nF/2kV
REC20-48xxS(D)
2.2µF/100V
4.7µF/100V
0.67mH
3.3nF/2kV
3.3nF/2kV


Similar Part No. - REC20-123.4S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-123.4S RECOM-REC20-123.4S Datasheet
356Kb / 6P
   20 Watt Single and Dual Output
More results

Similar Description - REC20-123.4S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com