Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA7M1N6E6327XTSA1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BGA7M1N6E6327XTSA1
Description  Infineon?셲 New LTE Low Noise Amplifiers Almost Double Smartphone Data Rates
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA7M1N6E6327XTSA1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BGA7M1N6E6327XTSA1 Datasheet HTML 1Page - Infineon Technologies AG BGA7M1N6E6327XTSA1 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2014 Infineon Technologies AG.
All Rights Reserved.
Visit us:
www.infineon.com
Order Number: B132-H9894-X-X-7600
Date: 04 / 2014
Attention please!
The information given in this document shall in no event
be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples
or hints given herein, any typical values stated herein and/
or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warran-
ties and liabilities of any kind, including without limitation
warranties of non-infringement of intellectual property
rights of any third party.
Information
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
Warnings
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technolo-
gies Office. Infineon Technologies Components may only
be used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause
the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and
sustain and/or protect human life. If they fail, it is reason-
able to assume that the health of the user or other persons
may be endangered.
Infineon’s New LTE Low Noise Amplifiers
Almost Double Smartphone Data Rates
BGA7H1N6
LTE LNAs
Long Coax Lines
High Insertion Loss
Diversity /Main
Antenna
B7
B40
RFIC
B1
B2
B3
B5, 8
B17
B29
BGA7M1N6
BGA7L1N6
7
RFOUT LNA 1
RFOUT LNA 2
RFOUT LNA 3
VCC = 2.8V
VCC
I1
I4
8
2
I2
O1
3
RFOUT LNA 4
O4
9
C1
10
C2
11
C3
12
6
5
O2
4
O3
L1
Biasing &
Logic
Circuitry
RFIN LNA 1
L2
RFIN LNA 2
I3
1
L3
RFIN LNA 3
L4
RFIN LNA 4
C1 = 0/2.8V
C2 = 0/2.8V
C3 = 0/2.8V
C1
(optional)
Ordering no. (SP numbers)
„
BGM7LLHM4L12: BGM7LLHM4L12E6327XTSA1
„
BGM7MLLH4L12: BGM7MLLH4L12E6327XTSA1
„
BGM7MLLM4L12: BGM7MLLM4L12E6327XTSA1
„
BGM7LMHM4L12: BGM7LMHM4L12E6327XTSA1
„
BGM7HHMH4L12: BGM7HHMH4L12E6327XTSA1
„
BGA7L1N6: BGA7L1N6E6327XTSA1
„
BGA7M1N6: BGA7M1N6E6327XTSA1
„
BGA7H1N6: BGA7H1N6E6327XTSA1


Similar Part No. - BGA7M1N6E6327XTSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA7M1N6E6327 INFINEON-BGA7M1N6E6327 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. August 2015
BGA7M1N6E6327 INFINEON-BGA7M1N6E6327_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. August 2015
More results

Similar Description - BGA7M1N6E6327XTSA1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2666 MAXIM-MAX2666 Datasheet
1Mb / 9P
   Tiny Low-Noise Amplifiers for HSPA/LTE
Rev 0; 8/10
logo
Infineon Technologies A...
Z8F80216033 INFINEON-Z8F80216033 Datasheet
1,011Kb / 22P
   for Infineon?셲 Automotive MOSFETs
1.1 November 29, 2021
logo
ATMEL Corporation
T5744 ATMEL-T5744_05 Datasheet
384Kb / 20P
   High Sensitivity, Especially at Low Data Rates
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com