Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA2404S7P0 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ACA2404S7P0
Description  High Output Power Doubler Line Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2404S7P0 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ACA2404S7P0 Datasheet HTML 2Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 3Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 4Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 5Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 6Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 7Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 8Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 9Page - ANADIGICS, Inc ACA2404S7P0 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ADVANCED PRODUCT INFORMATION - Rev 0.0
05/2003
ACA2404
Figure 5: Input and Output Return Loss (S11 and S22) vs. Frequency
(T = +25 °C, V
= +24 V, 75
system)
ADD
W
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
S11
S22
Figure 6: Isolation (S12) vs. Frequency
(T = +25 °C, V
= +24 V, 75
system)
ADD
W
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)


Similar Part No. - ACA2404S7P0

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2401S7P0 ANADIGICS-ACA2401S7P0 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7TR ANADIGICS-ACA2401S7TR Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2404S7P0

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
ACA2420 ANADIGICS-ACA2420 Datasheet
540Kb / 10P
   24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
   24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com