Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGM15HA12 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BGM15HA12
Description  High-Band LNA Multiplexer Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGM15HA12 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BGM15HA12 Datasheet HTML 7Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 8Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 9Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 10Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 11Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 12Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 13Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 14Page - Infineon Technologies AG BGM15HA12 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BGM15HA12
6 MIPI RFFE Specification
All sequences are implemented according to the ’MIPI Alliance Specification for RF Front-End Control Interface’
document version 1.10 - 26. July 2011.
Table 8: MIPI Features
Feature
Supported
Comment
Register write command sequence
Yes
Register read command sequence
Yes
Extended register write command sequence
No
Up to 4 Bytes
Extended register read command sequence
No
Up to 4 Bytes
Register 0 write command sequence
Yes
Trigger function
Yes
Trigger assignment to each control register is sup-
ported
Programmable USID
Yes
3 register command sequence and extended regis-
ter command sequence
Status Register
Yes
Register for debugging
Reset
Yes
By VIO, Power Mode and RFFE_STATUS
Group SID
Yes
USID_Sel pin
No
External pin for changing USID is not implemented
Full speed write
Yes
Half speed read
Yes
Full speed read
Yes
Table 9: Startup Behavior
Feature
State
Comment
Power status
LOW POWER
The chip is in low power mode after startup
Trigger function
ENABLED
Trigger function is enabled after startup. Trigger function can be dis-
abled via PM_TRIG register.
Data Sheet
11
Revision 3.0 - 2015-07-24


Similar Part No. - BGM15HA12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGM15LA12 INFINEON-BGM15LA12 Datasheet
749Kb / 24P
   Low-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
BGM15MA12 INFINEON-BGM15MA12 Datasheet
739Kb / 21P
   Mid-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
More results

Similar Description - BGM15HA12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGM15LA12 INFINEON-BGM15LA12 Datasheet
749Kb / 24P
   Low-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
BGM15MA12 INFINEON-BGM15MA12 Datasheet
739Kb / 21P
   Mid-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
logo
List of Unclassifed Man...
14629 ETC2-14629 Datasheet
466Kb / 2P
   Microwave Ku Band LNA Module
logo
Will Semiconductor Ltd.
WS7932D WILLSEMI-WS7932D Datasheet
542Kb / 6P
   CMOS High Band LTE LNA
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Will Semiconductor Ltd.
WS7932DB WILLSEMI-WS7932DB Datasheet
750Kb / 7P
   CMOS High Band LTE LNA
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
API Technologies Corp
NF29525 APITECH-NF29525 Datasheet
459Kb / 3P
   Switched Multiplexer with Integrated LNA
logo
RFHIC
RFL-0935D RFHIC-RFL-0935D Datasheet
188Kb / 2P
   LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com