Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA2407 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACA2407
Description  Power Doubler Line Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2407 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACA2407 Datasheet HTML 1Page - ANADIGICS, Inc ACA2407 Datasheet HTML 2Page - ANADIGICS, Inc ACA2407 Datasheet HTML 3Page - ANADIGICS, Inc ACA2407 Datasheet HTML 4Page - ANADIGICS, Inc ACA2407 Datasheet HTML 5Page - ANADIGICS, Inc ACA2407 Datasheet HTML 6Page - ANADIGICS, Inc ACA2407 Datasheet HTML 7Page - ANADIGICS, Inc ACA2407 Datasheet HTML 8Page - ANADIGICS, Inc ACA2407 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
04/2002
ACA2407
750/870 MHz CATV
Power Doubler Line Amplifier
Data Sheet - Rev 2.0
Figure 1: Hybrid Application Diagram
FEATURES
21.5 dB Gain
Very Low Distortion
Excellent 75
Ω Input and Output Match
Stable with High VSWR Load Conditions
Monolithic Design for Consistent Performance
Part-to-Part
Low DC Power Consumption
Surface Mount Package Compatible with
Automatic Assembly
Low Cost Alternative to Hybrids
Meets Cenelec Standards
APPLICATIONS
CATV Line Amplifiers, System Amplifiers,
Distribution Nodes
S7 Package
16 Pin Wide Body SOIC
with Heat Slug
PRODUCT DESCRIPTION
The ACA2407 is a highly linear, monolithic GaAs RF
amplifier that has been developed to replace, in new
designs, standard CATV hybrid amplifiers. Offered
in a convenient surface mount package, the MMIC
consists of two pairs of parallel amplifiers that are
optimized for exceptionally low distortion and noise
figure. A hybrid equivalent that provides flat gain
response and excellent input and output return loss
over the 40 to 870 MHz CATV downstream band is
formed when one ACA2407 is cascaded between
two appropriate transmission line baluns.
RF Input
RF Output
2A
2B
1B
1A
ACA2407


Similar Part No. - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results

Similar Description - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
   High Output Power Doubler Line Amplifier
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com