Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA2404S7P2 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ACA2404S7P2
Description  High Output Power Doubler Line Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2404S7P2 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ACA2404S7P2 Datasheet HTML 4Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 9Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 10Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 11Page - ANADIGICS, Inc ACA2404S7P2 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADVANCED PRODUCT INFORMATION - Rev 0.0
05/2003
9
ACA2404
APPLICATION INFORMATION
Figure 13: Evaluation Board Layout
Figure 14: Evaluation Board Schematic
R2
C3
ACA2404
215
1
10
12
13
11
9
16
14
8
7
6
5
4
3
GND
ISET
1AIN
1AOUT
2AIN
2AOUT
GND
GND
GND
Bias 1B
GND
1BIN
2BIN
1BOUT
2BOUT
Bias 1A
C4
L1
C6
L3
C10
TVS
C15
L4
C8
C14
C9
C13
C12
RF OUT
L2
C7
C5
C1
C2
C11
RF IN
R3
R1
T1
T2
(+24 V)


Similar Part No. - ACA2404S7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2401S7P0 ANADIGICS-ACA2401S7P0 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7TR ANADIGICS-ACA2401S7TR Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2404S7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
ACA2420 ANADIGICS-ACA2420 Datasheet
540Kb / 10P
   24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
   24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com