Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293D107X0010D2W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 293D107X0010D2W
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D107X0010D2W Datasheet(HTML) 2 Page - Vishay Siliconix

  293D107X0010D2W Datasheet HTML 1Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 2Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 3Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 4Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 5Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 6Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 7Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 8Page - Vishay Siliconix 293D107X0010D2W Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
2
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
0.10
AAA
0.15
AA/B
0.22
AA/B
0.33
AA
A/B
0.47
A
A
A
A/B
A/B/C
0.68
A
A
A
A/B
B/C
1.0
A
A
A/B
A/B
A/B
B/C
1.5
A
A
A/B
A/B
A/B
B/C
B/C/D
2.2
A
A
A/B
A/B
A/B
A/B/C
B/C
B/C/D
3.3
A
A/B
A/B
A/B
A/B/C
A/B/C
B/C/D
C/D
4.7
A/B
A/B
A/B/C
A/B/C
A/B/C
A/B/C/D
B/C/D
C/D/E
D
6.8
A/B
A/B
A/B/C
A/B/C
A/B/C
B/C/D
C/D
D/E
10
A/B
A/B/C
A/B/C
A/B/C/D
B/C/D
B/C/D
C/D
D/E
E
15
A/B/C
A/B/C
A/B/C
B/C
B/C/D
B/C/D
D/E
E
22
A/B/C
A/B/C
A/B/C/D
B/C/D
B/C/D
C/D/E/V
D/E
33
A/B/C
A/B/C
B/C/D
B/C/D
C/D
D/E
47
A/B/C
A/B/C/D
B/C/D
C/D/E
D/E
D/E
68
B/C/D
B/C/D
B/C/D/E/V
D/E
D/E
E
100
A/B/C/D
B/C/D/E
B/C/D/E/V
D/E/V
D/E
120
D
D
E
150
B/C/D
C/D/E
C/D/E
D/E
220
B/C/D/E
C/D/E
D/E/V
E
330
D/E
D/E
D/E
470
D/E
D/E
E
680
D/E
E
1000
E
E
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capacitors may bear a different marking scheme if a part with more extensive screening is substituted. These would include, for example,
“R” for low ESR series (TR3) or “P” for professional series (TP3).
Call the factory for further explanation.
Capacitance Code, pF
Indicates
Lead (Pb)-free
Polarity Band (+)
Voltage
Code
V 104L
A Case
Date Code
Vishay
Sprague Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance, μF
Polarity
Band (+)
22
10L
XX
2
B, C, D, E, V Cases


Similar Part No. - 293D107X0010D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X0010D2WE3 VISHAY-293D107X0010D2WE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D107X0010D2WE3 VISHAY-293D107X0010D2WE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X0010D2WE3 VISHAY-293D107X0010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
293D107X0010D2WE3 VISHAY-293D107X0010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
293D107X0010D2WE3 VISHAY-293D107X0010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results

Similar Description - 293D107X0010D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DLA14002 VISHAY-DLA14002 Datasheet
287Kb / 19P
   Solid Tantalum Chip Capacitors, TANTAMOUNT
Revision: 12-Apr-16
595D336X9035R2T VISHAY-595D336X9035R2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D VISHAY-593D Datasheet
148Kb / 11P
   Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Revision 01-Mar-04
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com