Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5052B Datasheet(PDF) 8 Page - Keysight Technologies

Part # E5052B
Description  E5052B Signal Source Analyzer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5052B Datasheet(HTML) 8 Page - Keysight Technologies

Back Button E5052B Datasheet HTML 4Page - Keysight Technologies E5052B Datasheet HTML 5Page - Keysight Technologies E5052B Datasheet HTML 6Page - Keysight Technologies E5052B Datasheet HTML 7Page - Keysight Technologies E5052B Datasheet HTML 8Page - Keysight Technologies E5052B Datasheet HTML 9Page - Keysight Technologies E5052B Datasheet HTML 10Page - Keysight Technologies E5052B Datasheet HTML 11Page - Keysight Technologies E5052B Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
08 | Keysight | E5052B Signal Source Analyzer 10 MHz to 7 GHz, 26.5 GHz, or 110 GHz - Data Sheet
Wideband mode
Transient time span (X-axis) setting
Time span [s]
10 μ 20 μ 50 μ 0.1 m 0.2 m 0.5 m 1 m
2 m
5 m
10 m 20 m 50 m
0.1
0.2
0.5
1
2
5
10
Time resolution [s]
8 n
16 n
40 n 80 n 0.16 μ 0.4 μ
1 μ
2 μ
5 μ
10 μ 20 μ 50 μ 125 μ 250 μ 625 μ 1.25 m 2.5 m 6.25 m 12.5 m
Measurement point
1251 1251 1251 1251 1251 1251 1001 1001 1001 1001 1001 1001 801
801
801
801
801
801
801
Frequency band
[GHz]
Frequency resolution [Hz]
0.05 to 0.15
28 k
9 k
3 k
1 k
0.1 to 0.3
56 k
19 k
7 k
2 k
0.2 to 0.6
112 k
39 k
14 k
4 k
0.3 to 0.9
168 k
59 k
21 k
7 k
0.4 to 1.2
225 k
79 k
28 k
9 k
0.5 to 1.5
281 k
99 k
35 k
12 k
0.6 to 1.8
337 k
119 k 42 k
14 k
0.8 to 2.4
450 k
159 k 56 k
19 k
1.0 to 3.0
562 k
198 k 70 k
24 k
1.2 to 3.6
675 k
238 k 84 k
29 k
1.4 to 4.2
787 k
278 k 98 k
34 k
1.6 to 4.8
900 k
318 k 112 k
39 k
1.8 to 5.4
1.012 M
357 k 126 k
44 k
2.0 to 6.0
1.125 M
397 k 140 k
49 k
2.2 to 6.6
1.237 M
437 k 154 k
54 k
2.4 to 7.2
1.35 M
477 k 168 k
59 k
Table 4-2. Wideband mode frequency resolution vs. time span and frequency band
Transient Measurement/Wideband Mode


Similar Part No. - E5052B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E5052B HP-E5052B Datasheet
997Kb / 21P
   Signal Source Analyzer
More results

Similar Description - E5052B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5053A KEYSIGHT-E5053A Datasheet
2Mb / 22P
   E5052B Signal Source Analyzer
logo
Agilent(Hewlett-Packard...
E5052B HP-E5052B Datasheet
997Kb / 21P
   Signal Source Analyzer
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Agilent(Hewlett-Packard...
35670A HP-35670A Datasheet
136Kb / 10P
   Dynamic Signal Analyzer
logo
Keysight Technologies
35670A KEYSIGHT-35670A Datasheet
779Kb / 10P
   Dynamic Signal Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
E5262A KEYSIGHT-E5262A Datasheet
1Mb / 15P
   2 Channel IV Analyzer/Source Monitor Unit
E5263A KEYSIGHT-E5263A Datasheet
1Mb / 15P
   2 Channel IV Analyzer/Source Monitor Unit
logo
Extech Instruments Corp...
380820 EXTECH-380820 Datasheet
219Kb / 1P
   Universal AC Power Source AC Power Analyzer
logo
Keysight Technologies
N9030A KEYSIGHT-N9030A Datasheet
1Mb / 28P
   PXA X-Series Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com