Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-VZ575N Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # PT-VZ575N
Description  LCD Projectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-VZ575N Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button PT-VZ575N Datasheet HTML 4Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 5Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 6Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 7Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 8Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 9Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 10Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 11Page - Panasonic Semiconductor PT-VZ575N Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
List of compatible signals
The signals that can be input to this projector are shown in the table below. Horizontal scanning fre-
quencies of 15 kHz to 91 kHz, vertical scanning frequencies of 24 Hz to 100 Hz, and a dot clock of
162MHz maximum can be input.
NOTE:
The native resolution of this projector is 1,920 x 1200pixels. If the display resolution of the input signal is different from the
native resolution, image compression or expansion will be used to convert the input signal to a level within the native resolution.
*1 The “i” appearing after the resolution indicates an interlaced signal.
*2Only compatible with dot clock frequency of 27 MHz (pixel repetition signal)
*3When a 1125 (1035)/60i signal was input, it is displayed as a 1125 (1080)/60i signal.
NTSC/NTSC4.43/PAL-M/PAL60
720 x 480i
15.7
59.9
VIDEO
PAL/PAL-N/SECAM
720 x 576i
15.6
50.0
525i (480i)
720 x 480
15.7
59.9
13.5
RGB/YCBCR
625i (576i)
720 x 576i
15.6
50.0
13.5
525i (480i)
720 (1440) x 480i*2
15.7
59.9
27.0
HDMI
625i (576i)
720 (1440) x 576i*2
15.6
50.0
27.0
525p (480p)
720 x 483
31.5
59.9
27.0
RGB/YPBPR/HDMI
625p (576p)
720 x 576
31.3
50.0
27.0
750 (720)/60p
1280 x 720
45.0
60.0
74.3
750 (720)/50p
37.5
50.0
74.3
1125 (1080)/60i*3
1920 x 1080i
33.8
60.0
74.3
1125 (1080)/50i
28.1
50.0
74.3
1125 (1080)/24p
1920 x 1080
27.0
24.0
74.3
1125 (1080)/24sF
1920 x 1080i
27.0
48.0
74.3
1125 (1080)/25p
1920 x 1080
28.1
25.0
74.3
1125 (1080)/30p
33.8
30.0
74.3
1125 (1080)/60p
67.5
60.0
148.5
1125 (1080)/50p
56.3
50.0
148.5
640 x 400
640 x 400
31.5
70.1
25.2
RGB/HDMI
37.9
85.1
31.5
VGA
640 x 480
31.5
59.9
25.2
35.0
66.7
30.2
37.9
72.8
31.5
37.5
75.0
31.5
43.3
85.0
36.0
SVGA
800 x 600
35.2
56.3
36.0
37.9
60.3
40.0
48.1
72.2
50.0
46.9
75.0
49.5
53.7
85.1
56.3
MAC16
832 x 624
49.7
74.6
57.3
XGA
1024 x 768
39.6
50.0
51.9
48.4
60.0
65.0
56.5
70.1
75.0
60.0
75.0
78.8
65.5
81.6
86.0
68.7
85.0
94.5
81.4
100.0
113.3
1152 x 864
1152 x 864
53.7
60.0
81.6
67.5
74.9
108.0
77.1
85.0
119.7
MAC21
1152 x 870
68.7
75.1
100.0
1280 x 720
1280 x 720
37.1
50.0
60.5
44.8
60.0
74.5
Display mode
Display
resolution
(dots)*1
Scanning frequency
H
(kHz)
V
(kHz)
Dot clock
frequency
(MHz)
Format
PT-
VZ575N
LCD Projectors
As of August 2014
9/12
SFL14M021


Similar Part No. - PT-VZ575N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-VZ570 PANASONIC-PT-VZ570 Datasheet
765Kb / 12P
   LCD Projectors
More results

Similar Description - PT-VZ575N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
PT-EX800Z PANASONIC-PT-EX800Z Datasheet
2Mb / 16P
   LCD Projectors
PT-EZ580 PANASONIC-PT-EZ580 Datasheet
2Mb / 17P
   LCD Projectors
PT-EZ590 PANASONIC-PT-EZ590 Datasheet
1Mb / 14P
   LCD Projectors
PT-VX605N PANASONIC-PT-VX605N Datasheet
778Kb / 12P
   LCD Projectors
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
PT-EX520 PANASONIC-PT-EX520 Datasheet
2Mb / 13P
   LCD Projectors
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
PT-EW730Z PANASONIC-PT-EW730Z Datasheet
2Mb / 17P
   LCD Projectors
PT-LW312 PANASONIC-PT-LW312 Datasheet
376Kb / 9P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com