Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-VW530 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PT-VW530
Description  LCD Projectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-VW530 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PT-VW530 Datasheet HTML 1Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 2Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 3Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 4Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 5Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 6Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 7Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 8Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VIDEO IN
SERIAL IN
Power cord length
Cabinet materials
Dimensions (W ×H×D)
Weight*6
Operation noise*2
Operating temperature
Operating humidity
Remote control unit
Power supply
Operation range*7
Dimensions (W × H × D)
Weight
Pin jack ×1, 1.0 Vp-p, 75 ohms
0–2.0 Vrms, variable, output impedance: 22 kilohms or less
AUDIO OUT
M3 (L, R) ×1 (monitor out, stereo)
AUDIO IN 3
Pin jack (L, R) × 1, 0.5 Vrms, input impedance: 22 kilohms or more
AUDIO IN 2 / MIC IN
M3 (L, R) × 1, 0.5 Vrms, input impedance: 22 kilohms or more
AUDIO IN 1
M3 (L, R) × 1, 0.5 Vrms, input impedance: 22 kilohms or more
D-sub 9-pin (female) ×1, for external control (RS-232C compliant)
2.0 m* (6 ft 7 in)
Molded plastic
389× 125*4 × 332*5 mm
(15-5/16 × 4-29/32*4 × 13-1/16*5 inches)
Approx. 4.8 kg (10.6 lbs)
37 dB (LAMP POWER: NORMAL), 29 dB (LAMP POWER: ECO)
3 V DC (R03/LR03/AAA type battery × 2)
Approx. 7 m (23 ft) when operated from directly in front of the
signal receptor
44 × 105 × 20.5 mm (1-23/32 × 4-1/8 × 13/16 inches)
Approx. 63 g (2.2 oz) (including batteries)
Terminals
HDMI IN
COMPUTER 1IN
R, G, B
Y, PB (CB), PR (CR)
D-sub HD 15-pin (female)
LAN
RJ-45 × 1, for network connection, 100BASE-TX / 10BASE-TX,
compliant with PJLink™)
×1
G: 0.7 Vp-p (1.0 Vp-p for sync on G), 75 ohms;
S-VIDEO
Y: 1.0 Vp-p, C: 0.286 Vp-p, 75 ohms
B, R: 0.7 Vp-p, 75 ohms;
Y: 1.0 Vp-p (including sync signal);
PB (CB), PR (CR): 0.7 Vp-p, 75 ohms
COMPUTER 2IN / 1 OUT
R, G, B
Y, PB (CB), PR (CR)
D-sub HD 15-pin (female) × 1, (input/output switching)
G: 0.7 Vp-p (1.0 Vp-p for sync on G), 75 ohms;
B, R: 0.7 Vp-p, 75 ohms;
Y: 1.0 Vp-p (including sync signal);
PB (CB), PR (CR): 0.7 Vp-p, 75 ohms
20%– 80% (no condensation)
0–40 °C (32–104 °F) (altitude: less than 1200 m)
0–30 °C (32–86 °F) (altitude: 1,200 m–2,700 m)
* When the ambient operating temperature is 35–40 °C (95–104 °F),
[Lamp Power] will switch automatically to [Eco mode].
HDMI 19-pin ×2, Deep Color, HDCP compatible
Audio signals: Linear PCM (Sampling frequency: 48 kHz/44.1 kHz/32 kHz)
Y: 1.0 Vp-p (including sync signal);
HD/SYNC TTL high impedance, automatic positive/negative polarity compatible
VD TTL high impedance, automatic positive/negative polarity compatible
HD/SYNC TTL high impedance, automatic positive/negative polarity compatible
VD TTL high impedance, automatic positive/negative polarity compatible
*PT-VW530D(for India) : 3.0 m (9 ft 10 in)
PT-
VW530
LCD Projectors
As of August 2014
3/12
SFL14M024


Similar Part No. - PT-VW530

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
More results

Similar Description - PT-VW530

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
PT-EX800Z PANASONIC-PT-EX800Z Datasheet
2Mb / 16P
   LCD Projectors
PT-EZ580 PANASONIC-PT-EZ580 Datasheet
2Mb / 17P
   LCD Projectors
PT-EZ590 PANASONIC-PT-EZ590 Datasheet
1Mb / 14P
   LCD Projectors
PT-VX605N PANASONIC-PT-VX605N Datasheet
778Kb / 12P
   LCD Projectors
PT-VZ575N PANASONIC-PT-VZ575N Datasheet
775Kb / 12P
   LCD Projectors
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
PT-EX520 PANASONIC-PT-EX520 Datasheet
2Mb / 13P
   LCD Projectors
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
PT-EW730Z PANASONIC-PT-EW730Z Datasheet
2Mb / 17P
   LCD Projectors
PT-LW312 PANASONIC-PT-LW312 Datasheet
376Kb / 9P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com