Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34420A Datasheet(PDF) 5 Page - Keysight Technologies

Part # 34420A
Description  NanoVolt/Micro-Ohm Meter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34420A Datasheet(HTML) 5 Page - Keysight Technologies

  34420A Datasheet HTML 1Page - Keysight Technologies 34420A Datasheet HTML 2Page - Keysight Technologies 34420A Datasheet HTML 3Page - Keysight Technologies 34420A Datasheet HTML 4Page - Keysight Technologies 34420A Datasheet HTML 5Page - Keysight Technologies 34420A Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
05 | Keysight | 34420A NanoVolt/Micro-Ohm Meter - Data Sheet
Ordering Information
Includes low thermal input cable
(34102A), low thermal shorting plug
(34103A), Kelvin clip set (11062A),
calibration certificate, power cord. Also
includes CD with: IntuiLink software, IVI
and VXI PnP drivers, user’s guide, service
guide, and data sheet.
Options
34420A-ABA
English localization
34420A-ABD
German localization:
translated operating manual
34420A-ABF
French localization:
translated operating manual
34420A-ABJ
Japanese localization:
translated operating manual
34420A-A6J
ANSI Z540 compliant
calibration
Accessories
34102A
Low-thermal input cable (four
conductor) with copper spade lugs
34103A
Low-thermal shorting plug
34104A
Low-thermal input connector
34131A
Transit Case
34161A
Accessory pouch
34190A
Rackmount Kit: designed for use
with only one instrument, mounted on
either the left or the right side of the rack.
34191A
2U Dual Flange Kit: secures the
instrument to the front of the rack. This
kit can be used with the
34194A
Dual Lock Link Kit to mount
two half-width, 2U height instruments
side-by-side.
34194A
Dual Lock Link Kit: recommended
for side-by-side combinations and
includes links for instruments of different
depths. This kit can be used with the
34191A 2U Dual Flange Kit to mount
two half-width, 2U height instruments
side-by-side.
General Speciications
Front Panel Connection:
Shielded, low thermal, 99% copper contacts.
Power Supply:
100V/120V/220V(230V)/240V +- 10%.
Power Line Frequency:
45 Hz to 66 Hz and 360 Hz to 440 Hz.
Automatically sensed at power-on.
Power Consumption:
25VA peak (10W average).
Operating Environment:
Full accuracy for 0 °C to 55 °C. Full accuracy
to 80% R.H. up to 30 °C.
Storage Environment:
-40 °C to 75 °C.
Size: 254.4 mm W x 374.0 mm L x 103.6 mm H
(10.02” W x 14.72” L x 4.08” H)
Weight: 3 kg (6.5 lbs).
Safety:
Designed to CSA, UL-1244, IEC-1010.
RFI and ESD: CISPR 11.


Similar Part No. - 34420A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34420A HP-34420A Datasheet
102Kb / 4P
   NanoVolt/Micro-Ohm Meter
logo
TDK Electronics
34420A TDK-34420A Datasheet
181Kb / 4P
   Inductors for power circuits Wound ferrite
20220712
logo
Agilent(Hewlett-Packard...
34420A-1CM HP-34420A-1CM Datasheet
102Kb / 4P
   NanoVolt/Micro-Ohm Meter
34420A-A6J HP-34420A-A6J Datasheet
102Kb / 4P
   NanoVolt/Micro-Ohm Meter
34420A-ABA HP-34420A-ABA Datasheet
102Kb / 4P
   NanoVolt/Micro-Ohm Meter
More results

Similar Description - 34420A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34420A HP-34420A Datasheet
102Kb / 4P
   NanoVolt/Micro-Ohm Meter
logo
Extech Instruments Corp...
UM200 EXTECH-UM200 Datasheet
169Kb / 1P
   High Resolution Micro-Ohm Meter
logo
Good Will Instrument Co...
GOM-801H GWINSTEK-GOM-801H Datasheet
534Kb / 1P
   D.C. MILLI-OHM METER
GOM-802 GWINSTEK-GOM-802 Datasheet
534Kb / 1P
   D.C. MILLI-OHM METER
logo
National Instruments Co...
PXIE-AI5100 NI-PXIE-AI5100 Datasheet
2Mb / 45P
   Expandable PXI bundle based on PXIe-4309 Nanovolt Meter, 32 Ch, 28 Bit, 2MS/s
May17
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249 Datasheet
49Kb / 9P
   51/2 Digit LCD, Micro-Power Event/Hour Meter
logo
Murata Manufacturing Co...
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249_01 Datasheet
162Kb / 9P
   5 1/2 Digit LCD, Micro-Power Event/Hour Meter
logo
Molex Electronics Ltd.
106503-2200 MOLEX11-106503-2200 Datasheet
34Kb / 1P
   Circular MT Receptacle MT Ferrule, 50/125 Micro Meter Fiber Core
106503-1200 MOLEX11-106503-1200 Datasheet
34Kb / 1P
   Circular MT Connector MT Ferrule, 50/125 Micro Meter Fiber Core
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com