Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA02040Z8ZCT00 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBA02040Z8ZCT00
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA02040Z8ZCT00 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBA02040Z8ZCT00 Datasheet HTML 1Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 2Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 3Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 4Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 5Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 6Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 7Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 8Page - Vishay Siliconix MBA02040Z8ZCT00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
2
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded. Furthermore, a high level of ambient temperature or of power dissipation may raise the temperature of the solder
joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime. The designer may estimate the performance of the particular resistor application or set certain load and
temperature limits in order to maintain a desired stability.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
Operation mode
Standard
Power
Climatic category
-55 °C / +125 °C / 56 days
-55 °C / +155 °C / 56 days
Rated dissipation,
P70
MBA/SMA 0204
0.25 W
0.4 W
MBB/SMA 0207
0.4 W
0.6 W
MBE/SMA 0414
0.65 W
1.0 W
Applied maximum film temperature,
ϑF max.
125 °C
155 °C
Max. resistance change at rated
dissipation |
ΔR/R max.|, after:
MBA/SMA 0204
1
Ω to 475 kΩ
1
Ω to 475 kΩ
1000 h
≤ 0.25 %
≤ 0.5 %
8000 h
≤ 0.5 %
≤ 1.0 %
225 000 h
≤ 1.5 %
MBB/SMA 0207
1
Ω to 1 MΩ
1
Ω to 1 MΩ
1000 h
≤ 0.25 %
≤ 0.5 %
8000 h
≤ 0.5 %
≤ 1.0 %
225 000 h
≤ 1.5 %
MBE/SMA 0414
1
Ω to 2.4 MΩ
1
Ω to 2.4 MΩ
1000 h
≤ 0.2 %
≤ 0.4 %
8000 h
≤ 0.4 %
≤ 0.8 %
225 000 h
≤ 1.2 %


Similar Part No. - MBA02040Z8ZCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040D4702BC100 VISHAY-MBA02040D4702BC100 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
MBA02040D4702BCT00 VISHAY-MBA02040D4702BCT00 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
MBA02040D4702CC100 VISHAY-MBA02040D4702CC100 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results

Similar Description - MBA02040Z8ZCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com