Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

iW1677-01 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # iW1677-01
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

iW1677-01 Datasheet(HTML) 5 Page - Dialog Semiconductor

  iW1677-01 Datasheet HTML 1Page - Dialog Semiconductor iW1677-01 Datasheet HTML 2Page - Dialog Semiconductor iW1677-01 Datasheet HTML 3Page - Dialog Semiconductor iW1677-01 Datasheet HTML 4Page - Dialog Semiconductor iW1677-01 Datasheet HTML 5Page - Dialog Semiconductor iW1677-01 Datasheet HTML 6Page - Dialog Semiconductor iW1677-01 Datasheet HTML 7Page - Dialog Semiconductor iW1677-01 Datasheet HTML 8Page - Dialog Semiconductor iW1677-01 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
iW1677
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 2.0
Datasheet
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
5 of 16
3-June-2016
VCC = 12V, -40°C ≤ TA ≤ 85°C, unless otherwise specified
6 Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VSENSE SECTION (Pin 2)
Input leakage current
IBVS
VSENSE = 2V
1
μA
Nominal voltage threshold
VSENSE(NOM)
TA=25°C, negative edge
1.518
1.533
1.548
V
Output OVP threshold -00 (Note 1)
VSENSE(MAX)
TA=25°C, negative edge
1.742
1.834
1.926
V
Output OVP threshold -01 (Note 1)
VSENSE(MAX)
TA=25°C, negative edge, Load = 100 % 1.830
1.926
2.022
V
Output OVP threshold -03 (Note 1)
VSENSE(MAX)
TA=25°C, negative edge, Load = 100 % 1.873
1.972
2.071
V
Output OVP threshol -05 (Note 1)
VSENSE(MAX)
TA=25°C, negative edge, Load = 100 % 1.786
1.880
1.974
V
ISENSE SECTION (Pin 4)
Overcurrent threshold
VOCP
1.11
1.15
1.19
V
ISENSE regulation upper limit (Note 3)
VIPK(HIGH)
0.97
1.00
1.03
V
ISENSE regulation lower limit (Note 3)
VIPK(LOW)
0.22
0.23
0.24
V
Input leakage current
ILK
ISENSE = 1.0 V
1
μA
OUTPUT SECTION (Pin 6)
Output low level ON-resistance
RDS(ON)LO
ISINK = 5mA
1
3
W
Switching frequency (Note 2)
fSW
> 50% load
72
kHz
VCC SECTION (Pin 1)
Maximum operating voltage (Note 1)
VCC(MAX)
16
V
Start-up threshold
VCC(ST)
VCC rising
10.0
11.0
12.0
V
Undervoltage lockout threshold
VCC(UVL)
VCC falling
3.8
4.0
4.2
V
Start-up current
IIN(ST)
VCC = 10V
1.0
1.7
3.0
μA
Quiescent current
ICCQ
VCC = 14V, without driver switching
2.7
4.0
mA
No-load operating current (Note 1 & 4)
ICC_NL
No-load operation in DDPWM mode
0.32
0.46
0.62
mA
Zener breakdown voltage
VZB
Zener current = 5mA
TA=25°C
18.5
19.5
20.5
V
ASU SECTION (Pin 3)
Maximum operating voltage (Note 1)
VASU(MAX)
16
V
Resistance between VCC and ASU
RVcc_ASU
600
830
1100
Notes:
Note 1.
These parameters are not 100% tested. They are guaranteed by design and characterization.
Note 2.
Operating frequency varies based on the load conditions, see Section 9.6 for more details.
Note 3.
These parameters are not 100% tested, guaranteed by design and characterization. Refer to Section 9.0 for operation details.
Note 4.
See Sections 9.6 and 9.7 for details.


Similar Part No. - iW1677-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1677-01 RENESAS-IW1677-01 Datasheet
1,016Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results

Similar Description - iW1677-01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
IW1677 RENESAS-IW1677 Datasheet
1,016Kb / 16P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1678 DIALOG-IW1678 Datasheet
951Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com