Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14583 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA14583 Datasheet HTML 1Page - Dialog Semiconductor DA14583 Datasheet HTML 2Page - Dialog Semiconductor DA14583 Datasheet HTML 3Page - Dialog Semiconductor DA14583 Datasheet HTML 4Page - Dialog Semiconductor DA14583 Datasheet HTML 5Page - Dialog Semiconductor DA14583 Datasheet HTML 6Page - Dialog Semiconductor DA14583 Datasheet HTML 7Page - Dialog Semiconductor DA14583 Datasheet HTML 8Page - Dialog Semiconductor DA14583 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 148 page
background image
© 2014 Dialog Semiconductor
5
Target - March 06, 2015 v1.1
Table 3: Pin Description
PIN NAME
TYPE
Drive
(mA)
Reset
state
(Note )
DESCRIPTION
General Purpose I/Os
P0_0
P0_1
P0_2
P0_3
P0_4
P0_5
P0_6
P0_7
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contains state retention mechanism
during power down.
P1_0
P1_1
P1_2
P1_3
P1_4/SW_CLK
P1_5/SWDIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PU
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contains state retention mechanism
during power down.
This signal is the JTAG clock by default
This signal is the JTAG data I/O by default
P2_0/SPI_CLK
P2_1
P2_2
P2_3/SPI_EN
P2_4/SPI_DO
P2_5
P2_6
P2_7
P2_8
P2_9/SPI_DI
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contains state retention mechanism
during power down.
Note: The specified pin assignment of the SPI interface is man-
datory for booting from internal Flash memory.
P3_0 to P3_7
DIO
4.8
I-PD
Not supported
Debug interface
SWDIO/P1_5
DIO
4.8
I-PU
INPUT/OUTPUT. JTAG Data input/output. Bidirectional data and
control communication. Can also be used as a GPIO
SW_CLK/P1_4
DIO
4.8
I-PD
INPUT JTAG clock signal. Can also be used as a GPIO
Clocks
XTAL16Mp
AI
INPUT. Crystal input for the 16 MHz XTAL
XTAL16Mm
AO
OUTPUT. Crystal output for the 16 MHz XTAL
XTAL32kp
AI
INPUT. Crystal input for the 32.768 kHz XTAL
XTAL32km
AO
OUTPUT. Crystal output for the 32.768 kHz XTAL
Quadrature decoder
QD_CHA_X
DI
INPUT. Channel A for the X axis. Mapped on Px ports
QD_CHB_X
DI
INPUT. Channel B for the X axis. Mapped on Px ports
QD_CHA_Y
DI
INPUT. Channel A for the Y axis. Mapped on Px ports
QD_CHB_Y
DI
INPUT. Channel B for the Y axis. Mapped on Px ports
QD_CHA_Z
DI
INPUT. Channel A for the Z axis. Mapped on Px ports
QD_CHB_Z
DI
INPUT. Channel B for the Z axis. Mapped on Px ports
SPI bus interface
SPI_CLK/P2_0
DO
INPUT/OUTPUT. SPI Clock. Mapped on Px ports
SPI_DI/P2_9
DI
INPUT. SPI Data input. Mapped on Px ports
SPI_DO/P2_4
DO
OUTPUT. SPI Data output. Mapped on Px ports


Similar Part No. - DA14583

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
   Revision History
04-Jan-2022
logo
Dialog Semiconductor
DA14583-01F01AT1 DIALOG-DA14583-01F01AT1 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583-01F01AT2 DIALOG-DA14583-01F01AT2 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
More results

Similar Description - DA14583

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14581 DIALOG-DA14581 Datasheet
1Mb / 152P
   Low Power Bluetooth Smart SoC with optimized boot time
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Dialog Semiconductor
DA14586 DIALOG-DA14586 Datasheet
566Kb / 4P
   Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com