Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA0204DD8ZCT00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBA0204DD8ZCT00
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204DD8ZCT00 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBA0204DD8ZCT00 Datasheet HTML 1Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 2Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 3Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 4Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 5Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 6Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 7Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 8Page - Vishay Siliconix MBA0204DD8ZCT00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
5
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Resistance ranges printed in bold are preferred TCR / tolerance combinations with optimized availability.
(1) Resistance value to be selected from E24 series for ± 5 %, from E24/E96 series for ± 1 % tolerance and from E24/E192 for ± 0.5 % tolerance.
(2) AEC-Q200 qualification applies to products with TCR = ± 50 ppm/K and tolerance = ± 1 % in the ranges of 10
Ω to 301 kΩ for MBA/SMA
0204, 10
Ω to 7.5 MΩ for MBB/SMA 0207, and 10 Ω to 22 MΩ for MBE/SMA 0414.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE - CECC Approved Products
TYPE
TCR
TOLERANCE
RESISTANCE (1)(2)
E-SERIES
MBA/SMA 0204
± 50 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
E24
± 1 %
1
Ω to 10 MΩ
E24; E96
± 0.5 %
10
Ω to 475 kΩ
E24; E192
± 25 ppm/K
± 1 %
10
Ω to 475 kΩ
E24; E96
± 0.5 %
10
Ω to 475 kΩ
E24; E192
Jumper
-
< 10 m
Ω; Imax. = 3 A
-
MBB/SMA 0207
± 50 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
11 M
Ω to 22 MΩ
E24
± 1 %
1
Ω to 10 MΩ
E24; E96
± 0.5 %
10
Ω to 1 MΩ
E24; E192
± 25 ppm/K
± 1 %
10
Ω to 1 MΩ
E24; E96
± 0.5 %
10
Ω to 1 MΩ
E24; E192
Jumper
-
< 10 m
Ω; Imax. = 5 A
-
MBE/SMA 0414
± 50 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
E24
± 1 %
1
Ω to 22 MΩ
E24; E96
± 0.5 %
10
Ω to 2.43 MΩ
E24; E192
± 25 ppm/K
± 1 %
10
Ω to 2.43 MΩ
E24; E96
± 0.5 %
10
Ω to 2.43 MΩ
E24; E192


Similar Part No. - MBA0204DD8ZCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204DD8ZCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com