Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9211 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 5Page - Dialog Semiconductor DA9211 Datasheet HTML 6Page - Dialog Semiconductor DA9211 Datasheet HTML 7Page - Dialog Semiconductor DA9211 Datasheet HTML 8Page - Dialog Semiconductor DA9211 Datasheet HTML 9Page - Dialog Semiconductor DA9211 Datasheet HTML 10Page - Dialog Semiconductor DA9211 Datasheet HTML 11Page - Dialog Semiconductor DA9211 Datasheet HTML 12Page - Dialog Semiconductor DA9211 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
9 of 74
© 2015 Dialog Semiconductor GmbH
Table 2: Pin description
Pin Name
Signal Name
Second
function
Type
(See
Table 3)
Description
B1, B2
LX_A1
AO
Switching node for Buck A phase 1
E1, E2
LX_A2
AO
Switching node for Buck A phase 2
B6, B7
LX_B1
AO
Switching node for Buck B phase 1
E6, E7
LX_B2
AO
Switching node for Buck B phase 2
A1, A2
VDD_A1
PS
Supply voltage for Buck A phase 1
To be connected to VSYS
F1, F2
VDD_A2
PS
Supply voltage for Buck A phase 2
To be connected to VSYS
A6, A7
VDD_B1
PS
Supply voltage for Buck B phase 1
To be connected to VSYS
F6, F7
VDD_B2
PS
Supply voltage for Buck B phase 2
To be connected to VSYS
F5
IC_EN
DI
Integrated Circuit (IC) Enable Signal
F3
nIRQ
DO
Interrupt line towards the host
E5
VDDIO
PS
I/O Voltage Rail
C3
FBAP
AI
Positive sense node for the Buck A
D3
FBAN
AI
Negative sense node for the Buck A
C5
FBBP
AI
Positive sense node for the Buck B for DA9212
N/C
AI
For DA9211
D5
FBBN
AI
Negative sense node for the Buck B for DA9212
N/C
AI
For DA9211
A5
GPI0
TRK
DI/AI
General purpose input, input track
B5
GPI1
CLK_IN
DI
General purpose input, digital clock input
B4
GPIO2
DIO
General purpose input/output
A3
SDA
SI
DIO
2-WIRE data, 4-WIRE data input/output
A4
SCL
SK
DI
2-WIRE clock, 4-WIRE clock
D4
nCS
GPI4
DI
4-WIRE chip select, general purpose input
C4
SO
GPIO3
DIO
4-WIRE data output, general purpose input/output
B3
NC
Leave floating
F4
VSYS
PS
Supply for IC and input for voltage supervision
E3
VSS
VSS
E4
VSS_ANA
VSS


Similar Part No. - DA9211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
DA9211-XXUU2 RENESAS-DA9211-XXUU2 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
DA9211-XXUU6 RENESAS-DA9211-XXUU6 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
More results

Similar Description - DA9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com