Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9061-XXAM2 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA9061-XXAM2
Description  Entry level PMIC for applications requiring up to 6 A
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061-XXAM2 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA9061-XXAM2 Datasheet HTML 5Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 6Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 7Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 8Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 9Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 10Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 11Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 12Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
9 of 82
© 2016 Dialog Semiconductor
2
Absolute maximum ratings
Table 3 lists the absolute maximum ratings of the device. Exceeding these ratings may cause
permanent damage to the device. Device functionality is only guaranteed under the conditions listed
in Sections 3 and 4. Operating the device in conditions exceeding those listed in Sections 3 and 4,
but compliant with the absolute maximum ratings listed in Table 3, for extended periods of time may
affect device reliability.
Table 3: Absolute maximum ratings
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Storage temperature
-65
+150
°C
Operating junction
temperature
TJ
-40
+150
Note 1
°C
Supply voltage
VSYS
-0.3
5.5
V
All other
pins
-0.3
VSYS +
0.3
Note 2
V
ESD protection HBM
2000
V
ESD protection CDM
Corner pins
750
V
All other pins
500
Note 1
See Sections 4.8 and 6.10 for more detail.
Note 2
Voltage must not exceed 5.5 V.
3
Recommended operating conditions
Table 4: Recommended operating conditions
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Ambient operating
temperature
TA
-40
+85
°C
Supply voltage
VSYS
0
5.5
V
Supply voltage IO
VDDIO
IO supply voltage Note 1
1.2
3.6
V
Maximum power
dissipation Note 2
Derating factor above
TA = 70 °C: 56 mW/°C
3000
mW
Note 1
VDDIO must not exceed VSYS.
Note 2
Obtained from package thermal simulation, board dimension 76 mm x 114 mm x 1.6 mm (JEDEC), 6-
layer board, 35 μm thick copper top/bottom layers, 17 μm thick copper inside layers, natural
convection (still air).


Similar Part No. - DA9061-XXAM2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9061-xxAM2 DIALOG-DA9061-xxAM2 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-xxAM2-A DIALOG-DA9061-xxAM2-A Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-XXAM2-A DIALOG-DA9061-XXAM2-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061-XXAM2-AT DIALOG-DA9061-XXAM2-AT Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
More results

Similar Description - DA9061-XXAM2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9062 DIALOG-DA9062_16 Datasheet
1Mb / 96P
   PMIC for applications requiring up to 8.5 A
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
   PMIC for Applications Requiring up to 8.5 A
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
DA9062 RENESAS-DA9062 Datasheet
1Mb / 101P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com