Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100702620001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100702620001
Description  Federleiste M12 D Cod.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100702620001 Datasheet(HTML) 1 Page - ERNI Electronics

  100702620001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
150
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 100 Stück
Verpackt im Gurt nach DIN IEC 60286-3
Packaging unit: 100 pcs
Nachweis der Prozessfähigkeit in der Serie (Cpk) oder 100% - Prüfung
Prüfmerkmal: Prüfmerkmale der Kategorie /2 und /3
/2
Für Prüfmerkmale muss eine x/s Regelkarte geführt werden
SPC-Maß: Prüfmerkmale der Kategorie /1
/1
Für SPC-Maße muss eine x/s Regelkarte geführt werden mit
/3
Prüfmerkmale werden serienbegleitend geprüft
m
Index
contact one of the ERNI companies
A3
Class
K
09.08.2016
M12
4 polig 17mm Type SMD
Federleiste M12 D Cod.
100702620001
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
5:1
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Typ
Bemerkung
Koplanarität aller Kontakte und Clip <= 0,1mm
Coplanarity of all contacts and clips <= 0,1mm
Teile: 100Stck. in Luftpolsterbeutel/Schüttgut
Lot: 100pcs, bulk packaging (air cushion bag)
4 Pol.
Gurtverpackung mit Pad/
Tape on Reel Packaging with Pad
Pad
±0,1
9
1 -0,05
-0,05
1,4
10
±0,25
12,84
12,6 -0,2
+0,25
2
3
4
Layout - Vorschlag
1
PCB - Layout proposal
2,25
+0,1
3,54
13,3
+0,2
1,9
+0,1
9 ±0,05
±0,1
8,15
Pin 1
24
Einbaulage beachten
Zapfen rechts


Similar Part No. - 100702620001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100702670003 ERNI-100702670003 Datasheet
73Kb / 1P
   F 2,54 DRC-B, 10-polig
More results

Similar Description - 100702620001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101303210011 ERNI-101303210011 Datasheet
90Kb / 1P
   Federleiste M12 D Cod.
100203210014 ERNI-100203210014 Datasheet
90Kb / 1P
   Federleiste M12 D Cod
234042 ERNI-234042 Datasheet
56Kb / 1P
   Federleiste M12 D Cod.
100203210112 ERNI-100203210112 Datasheet
67Kb / 1P
   Federleiste M12 D Cod
103003680002 ERNI-103003680002 Datasheet
90Kb / 1P
   Federleiste M12 D Cod.
100703680001 ERNI-100703680001 Datasheet
90Kb / 1P
   Federleiste M12 D Cod
100303210054 ERNI-100303210054 Datasheet
131Kb / 1P
   Federleiste M12 A Cod
101603210011 ERNI-101603210011 Datasheet
117Kb / 1P
   Federleiste M12 A Cod.
100203030001 ERNI-100203030001 Datasheet
67Kb / 1P
   Federleiste M12 B Cod
100203750001 ERNI-100203750001 Datasheet
69Kb / 1P
   Federleiste M12 A Cod
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com