Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8EWS12STRL Datasheet(PDF) 4 Page - International Rectifier

Part # 8EWS12STRL
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS12STRL Datasheet(HTML) 4 Page - International Rectifier

  8EWS12STRL Datasheet HTML 1Page - International Rectifier 8EWS12STRL Datasheet HTML 2Page - International Rectifier 8EWS12STRL Datasheet HTML 3Page - International Rectifier 8EWS12STRL Datasheet HTML 4Page - International Rectifier 8EWS12STRL Datasheet HTML 5Page - International Rectifier 8EWS12STRL Datasheet HTML 6Page - International Rectifier 8EWS12STRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
8EWS..S SAFE
IR Series
Bulletin I2108 rev. G 08/00
Fig.8-ThermalImpedanceZthJCCharacteristics
Fig.7-ForwardVoltageDropCharacteristics
0.1
1
10
100
00.5
11.5
2
2.5
T = 25 C
J
T = 150 C
J
In stan ta n e o u s Fo rw ard Vo ltag e (V )
8E W S ..S Se rie s
0.1
1
10
0.0001
0.001
0.01
0.1
1
Sq u a re W av e Pu lse D u ra tio n (s)
Stea dy State V a lu e
(D C O p e ra tio n)
D = 0 .50
D = 0 .33
D = 0 .25
D = 0 .17
D = 0.08
8 EW S..S Serie s


Similar Part No. - 8EWS12STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS12STRL IRF-8EWS12STRL Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
8EWS12STRL VISHAY-8EWS12STRL Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
logo
International Rectifier
8EWS12STRLPBF IRF-8EWS12STRLPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
8EWS12STRLPBF VISHAY-8EWS12STRLPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
More results

Similar Description - 8EWS12STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS IRF-20ETS Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
   High Voltage Surface Mount Input Rectifier Diode, 8 A
Revision: 22-Feb-18
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 22-Feb-18
logo
International Rectifier
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com