Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3105DMT1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NUD3105DMT1
Description  Integrated Relay, Inductive Load Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3105DMT1 Datasheet(HTML) 8 Page - ON Semiconductor

  NUD3105DMT1 Datasheet HTML 1Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 2Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 3Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 4Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 5Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 6Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 7Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NUD3105D
http://onsemi.com
8
PACKAGE DIMENSIONS
SC−74
CASE 318F−05
ISSUE M
23
4
5
6
D
1
e
b
E
A1
A
0.05 (0.002)
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
4. 318F−01, −02, −03, −04 OBSOLETE. NEW
STANDARD 318F−05.
C
L
0.7
0.028
1.9
0.074
0.95
0.037
2.4
0.094
1.0
0.039
0.95
0.037
mm
inches
SCALE 10:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
1.00
1.10
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.25
0.37
0.50
0.010
c
0.10
0.18
0.26
0.004
D
2.90
3.00
3.10
0.114
E
1.30
1.50
1.70
0.051
e
0.85
0.95
1.05
0.034
0.20
0.40
0.60
0.008
0.039
0.043
0.002
0.004
0.015
0.020
0.007
0.010
0.118
0.122
0.059
0.067
0.037
0.041
0.016
0.024
NOM
MAX
2.50
2.75
3.00
0.099
0.108
0.118
HE
L
10°
10°
q
q
STYLE 7:
PIN 1. SOURCE 1
2. GATE 1
3. DRAIN 2
4. SOURCE 2
5. GATE 2
6. DRAIN 1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent
rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur.
Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury
or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an
Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NUD3105D/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NUD3105DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105DMT1 ONSEMI-NUD3105DMT1 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3105DMT1 ONSEMI-NUD3105DMT1 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
More results

Similar Description - NUD3105DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com