Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV45015WT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSV45015WT1G
Description  Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV45015WT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSV45015WT1G Datasheet HTML 1Page - ON Semiconductor NSV45015WT1G Datasheet HTML 2Page - ON Semiconductor NSV45015WT1G Datasheet HTML 3Page - ON Semiconductor NSV45015WT1G Datasheet HTML 4Page - ON Semiconductor NSV45015WT1G Datasheet HTML 5Page - ON Semiconductor NSV45015WT1G Datasheet HTML 6Page - ON Semiconductor NSV45015WT1G Datasheet HTML 7Page - ON Semiconductor NSV45015WT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NSI45015WT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Steady State Current @ Vak = 7.5 V (Note 1)
Ireg(SS)
12
15
18
mA
Voltage Overhead (Note 2)
Voverhead
1.8
V
Pulse Current @ Vak = 7.5 V (Note 3)
Ireg(P)
12.7
16.5
19.4
mA
Capacitance @ Vak = 7.5 V (Note 4)
C
2.5
pF
Capacitance @ Vak = 0 V (Note 4)
C
5.7
pF
1. Ireg(SS) steady state is the voltage (Vak) applied for a time duration ≥ 10 sec, using FR−4 @ 300 mm2 1 oz. Copper traces, in still air.
2. Voverhead = Vin − VLEDs. Voverhead is typical value for 75% Ireg(SS).
3. Ireg(P) non−repetitive pulse test. Pulse width t ≤ 300 msec.
4. f = 1 MHz, 0.02 V RMS.
Figure 1. CCR Voltage−Current Characteristic


Similar Part No. - NSV45015WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV45020AT1G ONSEMI-NSV45020AT1G Datasheet
161Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 6
NSV45020JZ ONSEMI-NSV45020JZ Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSV45020JZT1G ONSEMI-NSV45020JZT1G Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSV45020T1G ONSEMI-NSV45020T1G Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 6
NSV45025AT1G ONSEMI-NSV45025AT1G Datasheet
161Kb / 8P
   Constant Current Regulator & LED Driver
October, 2014 ??Rev. 5
More results

Similar Description - NSV45015WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
   Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
NSI45025AZ ONSEMI-NSI45025AZ Datasheet
174Kb / 7P
   Constant Current Regulator & LED Driver
July, 2013 ??Rev. 3
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
   Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
NSI45030AZT1G ONSEMI-NSI45030AZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45025T1G ONSEMI-NSI45025T1G_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 5
NSI50350AD ONSEMI-NSI50350AD_14 Datasheet
155Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 4
NSI45025ZT1G ONSEMI-NSI45025ZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45030AZT1G ONSEMI-NSI45030AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver
September, 2009 ??Rev. 1
NSIC2050JBT3G ONSEMI-NSIC2050JBT3G Datasheet
171Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com