Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSI45020T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSI45020T1G
Description  Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSI45020T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSI45020T1G Datasheet HTML 1Page - ON Semiconductor NSI45020T1G Datasheet HTML 2Page - ON Semiconductor NSI45020T1G Datasheet HTML 3Page - ON Semiconductor NSI45020T1G Datasheet HTML 4Page - ON Semiconductor NSI45020T1G Datasheet HTML 5Page - ON Semiconductor NSI45020T1G Datasheet HTML 6Page - ON Semiconductor NSI45020T1G Datasheet HTML 7Page - ON Semiconductor NSI45020T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 6
1
Publication Order Number:
NSI45020/D
NSI45020T1G
Constant Current Regulator
& LED Driver
45 V, 20 mA
+ 15%, 460 mW Package
The linear constant current regulator (CCR) is a simple, economical
and robust device designed to provide a cost−effective solution for
regulating current in LEDs (similar to Constant Current Diode, CCD).
The CCR is based on Self-Biased Transistor (SBT) technology and
regulates current over a wide voltage range. It is designed with a
negative temperature coefficient to protect LEDs from thermal
runaway at extreme voltages and currents.
The CCR turns on immediately and is at 25% of regulation with
only 0.5 V Vak. It requires no external components allowing it to be
designed as a high or low−side regulator. The high anode-cathode
voltage rating withstands surges common in Automotive, Industrial
and Commercial Signage applications. The CCR comes in thermally
robust packages and is qualified to be UL94−V0 certified.
Features
Robust Power Package: 460 mW
Wide Operating Voltage Range
Immediate Turn-On
Voltage Surge Suppressing − Protecting LEDs
SBT (Self−Biased Transistor) Technology
Negative Temperature Coefficient
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automobile: Chevron Side Mirror Markers, Cluster, Display &
Instrument Backlighting, CHMSL, Map Light
AC Lighting Panels, Display Signage, Decorative Lighting, Channel
Lettering
Switch Contact Wetting
Application Note AND8391/D − Power Dissipation Considerations
Application Note AND8349/D − Automotive CHMSL
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Anode−Cathode Voltage
Vak Max
45
V
Reverse Voltage
VR
500
mV
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
ESD Rating:
Human Body Model
Machine Model
ESD
Class 1C
Class B
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
AC
= Device Code
M
= Date Code
G
= Pb−Free Package
http://onsemi.com
SOD−123
CASE 425
STYLE 1
MARKING DIAGRAM
AC M
G
G
Device
Package
Shipping
ORDERING INFORMATION
NSI45020T1G
SOD−123
(Pb−Free)
3000 / Tape & Reel
(Note: Microdot may be in either location)
Anode 2
Cathode 1
1
2
12
Ireg(SS) = 20 mA
@ Vak = 7.5 V
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NSV45020T1G
SOD−123
(Pb−Free)
3000 / Tape & Reel


Similar Part No. - NSI45020T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020T1G ONSEMI-NSI45020T1G Datasheet
146Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 4
More results

Similar Description - NSI45020T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
   Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
NSI45025AZ ONSEMI-NSI45025AZ Datasheet
174Kb / 7P
   Constant Current Regulator & LED Driver
July, 2013 ??Rev. 3
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
   Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
NSI45030AZT1G ONSEMI-NSI45030AZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45015W ONSEMI-NSI45015W_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 2
NSI45025T1G ONSEMI-NSI45025T1G_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 5
NSI50350AD ONSEMI-NSI50350AD_14 Datasheet
155Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 4
NSI45025ZT1G ONSEMI-NSI45025ZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45030AZT1G ONSEMI-NSI45030AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver
September, 2009 ??Rev. 1
NSIC2050JBT3G ONSEMI-NSIC2050JBT3G Datasheet
171Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com