Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IML0224S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # IML0224S12
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IML0224S12 Datasheet(HTML) 1 Page - XP Power Limited

  IML0224S12 Datasheet HTML 1Page - XP Power Limited IML0224S12 Datasheet HTML 2Page - XP Power Limited IML0224S12 Datasheet HTML 3Page - XP Power Limited IML0224S12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IML02 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
Input currents measured at nominal input voltage.
• World Wide Medical Approvals
• Single and Dual Outputs
• SIP7 Package
• -40 °C to +85 °C Operation
• Full Load at 85 °C Ambient
• 4000 VAC Isolation, 1 x MOPP at 250 VAC
• 2 µA Patient Leakage Current
• MTBF 2.5 MHrs
• 3 Year Warranty
Dimensions:
IML02:
0.77 x 0.39 x 0.49” (19.5 x 9.8 x 12.5 mm)
2 Watts
Input Voltage
Output Voltage
Output Current
Input current
Max. capacitive load
Efficiency
Model Number
No Load
Full Load
4.5-5.5 V
3V3
600 mA
50 mA
533 mA
1000 µF
75%
IML0205S3V3
5 V
400 mA
60 mA
533 mA
470 µF
78%
IML0205S05
9 V
222 mA
60 mA
500 mA
470 µF
80%
IML0205S09
12 V
167 mA
60 mA
482 mA
220 µF
83%
IML0205S12
15 V
133 mA
60 mA
488 mA
220 µF
82%
IML0205S15
±3V3
±300 mA
50 mA
519 mA
±470 µF
77%
IML0205D03
±5 V
±200 mA
60 mA
513 mA
±220 µF
78%
IML0205D05
±9 V
±111 mA
60 mA
500 mA
±220 µF
80%
IML0205D09
±12 V
±83 mA
60 mA
482 mA
±100 µF
83%
IML0205D12
±15 V
±66 mA
60 mA
488 mA
±100 µF
82%
IML0205D15
10.8-13.2 V
3V3
600 mA
25 mA
217 mA
1000 µF
76%
IML0212S3V3
5 V
400 mA
30 mA
208 mA
470 µF
80%
IML0212S05
9 V
222 mA
30 mA
208 mA
470 µF
80%
IML0212S09
12 V
167 mA
30 mA
200 mA
220 µF
83%
IML0212S12
15 V
133 mA
30 mA
203 mA
220 µF
82%
IML0212S15
±3V3
±300 mA
25 mA
214 mA
±470 µF
78%
IML0212D03
±5 V
±200 mA
30 mA
208 mA
±220 µF
80%
IML0212D05
±9 V
±111 mA
30 mA
208 mA
±220 µF
80%
IML0212D09
±12 V
±83 mA
30 mA
200 mA
±100 µF
83%
IML0212D12
±15 V
±66 mA
30 mA
203 mA
±100 µF
82%
IML0212D15
13.5-16.5V
3V3
600 mA
25 mA
174 mA
1000 µF
76%
IML0215S3V3
5 V
400 mA
30 mA
170 mA
470 µF
78%
IML0215S05
9 V
222 mA
30 mA
167 mA
470 µF
80%
IML0215S09
12 V
167 mA
30 mA
167 mA
220 µF
80%
IML0215S12
15 V
133 mA
30 mA
167 mA
220 µF
80%
IML0215S15
±3V3
±300 mA
25 mA
170 mA
±470 µF
78%
IML0215D03
±5 V
±200 mA
30 mA
170 mA
±220 µF
78%
IML0215D05
±9 V
±111 mA
30 mA
167 mA
±220 µF
80%
IML0215D09
±12 V
±83 mA
30 mA
167 mA
±100 µF
80%
IML0215D12
±15 V
±66 mA
30 mA
167 mA
±100 µF
80%
IML0215D15
21.6-26.4V
3V3
600 mA
20 mA
111 mA
1000 µF
75%
IML0224S3V3
5 V
400 mA
20 mA
106 mA
470 µF
78%
IML0224S05
9 V
222 mA
20 mA
104 mA
470 µF
80%
IML0224S09
12 V
167 mA
20 mA
104 mA
220 µF
80%
IML0224S12
15 V
133 mA
20 mA
104 mA
220 µF
80%
IML0224S15
±3V3
±300 mA
20 mA
107 mA
±470 µF
77%
IML0224D03
±5 V
±200 mA
20 mA
106 mA
±220 µF
78%
IML0224D05
±9 V
±111 mA
20 mA
104 mA
±220 µF
80%
IML0224D09
±12 V
±83 mA
20 mA
104 mA
±100 µF
80%
IML0224D12
±15 V
±66 mA
20 mA
104 mA
±100 µF
80%
IML0224D15


Similar Part No. - IML0224S12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IML-0635 MURATA-IML-0635 Datasheet
175Kb / 2P
   For LEAD TYPE
IML-0635 MURATA-IML-0635 Datasheet
186Kb / 2P
   Sensor
IML-0635 MURATA-IML-0635_17 Datasheet
186Kb / 2P
   Sensor
IML-0636 MURATA-IML-0636 Datasheet
177Kb / 2P
   For LEAD TYPE
IML-0636 MURATA-IML-0636 Datasheet
190Kb / 2P
   Sensor
More results

Similar Description - IML0224S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com