Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7702B Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7702B
Description  1A Dual H-Bridge Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7702B Datasheet(HTML) 7 Page - ON Semiconductor

  NCV7702B Datasheet HTML 1Page - ON Semiconductor NCV7702B Datasheet HTML 2Page - ON Semiconductor NCV7702B Datasheet HTML 3Page - ON Semiconductor NCV7702B Datasheet HTML 4Page - ON Semiconductor NCV7702B Datasheet HTML 5Page - ON Semiconductor NCV7702B Datasheet HTML 6Page - ON Semiconductor NCV7702B Datasheet HTML 7Page - ON Semiconductor NCV7702B Datasheet HTML 8Page - ON Semiconductor NCV7702B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCV7702B
http://onsemi.com
7
Functional Description
The NCV7702B is arranged as four half-bridge drivers in
two independent channels. Each channel can be operated as
a full-bridge or half-bridge to drive multiple load
configurations. Separate ENable inputs are used to control
which channel is active. Each ENable input has a nominal
50 k
W internal pull-down resistor to ensure that the outputs
remain off during power-up. The four INX control inputs
address each half-bridge output, and each output follows the
state of its input. When INX is at logic one, OUTX is sourcing
current from the VB supply; when INX is at logic zero,
OUTX is sinking current to the PGND return.
Half-Bridge Drivers
The half-bridge drivers of each OUTX are comprised of
an NPN Darlington driver on the low-side and a compound
PNP-NPN driver on the high-side. Each half-bridge driver
is capable of 1 A (min) peak current and is overcurrent
protected against load and system faults. Cross conduction
currents within each half-bridge are suppressed by the use
of a dead-band timer. Each INX
input contains an
independent dead-band timer that is activated on either
edge of the input transition.
Overcurrent detection circuitry is provided in both the
low-side and high-side drivers of each half-bridge output.
When activated, the overcurrent detectors trigger an internal
timer which causes both half-bridge drivers in the same
channel to be modulated at 4% (Typ.) duty cycle. The timer
also activates the channel's STATUS output, causing it to be
similarly modulated (see Figure 5.) Upon removal of the
fault condition, the channel automatically resumes
operation in its previously programmed mode and its
STATUS output returns to a no-fault state.
Recirculation diodes at each OUTX clamp load transients
to either VB or PGND and help contain switching currents
within each load loop.
Overcurrent Duty Cycle Timer
A single timer for overcurrent duty cycle is common to
both channels. The timer is triggered when a half-bridge in
either channel has detected an overcurrent fault. An external
capacitor connected to the NCV7702B's CT pin is used to
program the period of the timer, and the ratio of two
internally fixed currents programs the timer's duty cycle.
The capacitor voltage is normally kept at zero by discharge
current IDCH. Upon detection of overcurrent, charging
current ICHG is switched on and the CT capacitor begins
charging from zero towards the timer's upper threshold
(VDH.) When the capacitor voltage crosses VDH the faulted
channel's outputs are switched off and the channel's
STATUS output is switched from VSH to VSL (see Figure 5.)
The charging current is switched off, and the capacitor
voltage decreases toward the timer's lower (VDL) threshold.
Upon crossing the lower threshold, the channel's outputs are
switched on and the channel's STATUS output returns to its
VSH voltage. This behavior continues until the fault
condition is resolved. If the fault condition is resolved
before VDH is reached, the timer is reset and no modulation
of the previously faulted channel's half-bridge or STATUS
outputs occurs.
After the timer's initial charge cycle, the output off time
is:
tOFF = CT (VCH - VDc)/ IDCH.
The output on time is:
tON = CT (VCH - VDc)/ ICHG.
The timer period is:
T = tOFF + tON.
The value of the CT capacitor is required to be in the range
of 470 to 1500 pF. Values below 470 pF may cause timer
mis-operation due to internal delays, while values above
1500
pF
may
cause
excessive
power
dissipation.
Connecting the CT pin to ground will prevent operation of
the current limit function.
Overvoltage and Overtemperature Protection
Overvoltage detection circuitry is intended to allow
limited operation of the NCV7702B during double-battery
conditions. Detection is via the VB1 pin and causes both
channels of the IC to be switched off when the detection
threshold is exceeded. Hysteresis is provided to improve
noise immunity of the overvoltage function.
Overtemperature
detection
circuitry
monitors
the
junction temperature internal to the IC and is intended to
ensure
reliability
by
preventing
excessive
power
dissipation. The detection circuitry is centrally located on
the IC and causes both channels of the IC to be switched off
when the detection threshold is exceeded. Hysteresis is
provided to improve noise immunity of the overtemperature
function.
Both STATUS outputs are switched to the VSL state
during either overvoltage or overtemperature faults. Normal
operation of the IC is resumed automatically upon resolution
the fault, and the STATUS outputs return to the VSH State.


Similar Part No. - NCV7702B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B Datasheet
98Kb / 10P
   1 A Dual H?묪ridge Driver
December, 2005 ??Rev. 0
NCV7702BDWG ONSEMI-NCV7702BDWG Datasheet
98Kb / 10P
   1 A Dual H?묪ridge Driver
December, 2005 ??Rev. 0
NCV7702BDWR2G ONSEMI-NCV7702BDWR2G Datasheet
98Kb / 10P
   1 A Dual H?묪ridge Driver
December, 2005 ??Rev. 0
More results

Similar Description - NCV7702B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com