Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7517BFTG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7517BFTG
Description  Hex Low-Side MOSFET Pre-Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7517BFTG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7517BFTG Datasheet HTML 3Page - ON Semiconductor NCV7517BFTG Datasheet HTML 4Page - ON Semiconductor NCV7517BFTG Datasheet HTML 5Page - ON Semiconductor NCV7517BFTG Datasheet HTML 6Page - ON Semiconductor NCV7517BFTG Datasheet HTML 7Page - ON Semiconductor NCV7517BFTG Datasheet HTML 8Page - ON Semiconductor NCV7517BFTG Datasheet HTML 9Page - ON Semiconductor NCV7517BFTG Datasheet HTML 10Page - ON Semiconductor NCV7517BFTG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCV7517B
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (4.75 V
vVCCXv5.25 V, VDD = VCCX, −40°CvTJv125°C, unless otherwise
specified.) (Note 6)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Fault Detection – GATX OFF
DRNX Diagnostic Current
ISG
Short to GND Detection,
VDRNX = 0.30 VCC1
−27
−20
−10
mA
IOL
Open Load Detection,
VDRNX = 0.75 VCC1
30
60
80
mA
DRNX Fault Threshold Voltage
VSG
Short to GND Detection
27
30
33
%VCC1
VOL
Open Load Detection
72
75
78
%VCC1
DRNX Off State Bias Voltage
VCTR
50
%VCC1
Gate Driver Outputs
GATX Output Resistance
Output High or Low
200
350
500
W
GATX High Output Current
VGATX = 0 V
−26.25
−9.5
mA
GATX Low Output Current
VGATX = VCC2
9.5
26.25
mA
Turn−On Propagation Delay
tP(ON)
INX to GATX (Figure 4)
1.0
ms
CSB to GATX (Figure 5)
Turn−Off Propagation Delay
tP(OFF)
INX to GATX (Figure 4)
1.0
ms
CSB to GATX (Figure 5)
Output Rise Time
tR
20% to 80% of VCC2,
CLOAD = 400 pF
(Figure 4, Note 5)
277
ns
Output Fall Time
tF
80% to 20% of VCC2,
CLOAD = 400 pF
(Figure 4, Note 5)
277
ns
Fault Timers
Channel Fault Blanking Timer
tBL(ON)
VDRNX = 5.0 V; INX rising to
FLTB falling (Figure 6)
11
21
31
ms
tBL(OFF)
VDRNX = 0 V; INX falling to
FLTB falling (Figure 6)
90
120
150
ms
Channel Fault Filter Timer
tFF
Figure 7
7.0
12
17
ms
Global Fault Refresh Timer
(Auto−retry Mode)
tFR
Register 2: Bit R2 = 0 or R5 = 0
7.5
10
12.5
ms
Register 2: Bit R2 = 1 or R5 = 1
30
40
50
ms
Timer Clock
ENA1 = 1
500
kHz
Serial Peripheral Interface (Figure 9) Vccx = 5.0 V, VDD = 3.3 V, FSCLK = 4.0 MHz, CLOAD = 200 pF
SO Supply Voltage
VDD
3.3 V Interface
3.0
3.3
3.6
V
5.0 V Interface
4.5
5.0
5.5
V
SCLK Clock Period
250
ns
Maximum Input Capacitance
Sl, SCLK (Note 7)
12
pF
SCLK High Time
SCLK = 2.0 V to 2.0 V
125
ns
SCLK Low Time
SCLK = 0.8 V to 0.8 V
125
ns
Sl Setup Time
Sl = 0.8 V/2.0 V to
SCLK = 2.0 V (Note 7)
25
ns
Sl Hold Time
SCLK = 2.0 V to
Sl = 0.8 V/2.0 V (Note 7)
25
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Designed to meet these characteristics over the stated voltage and temperature recommended operating ranges, though may not be 100%
parametrically tested in production.
7. Guaranteed by design.


Similar Part No. - NCV7517BFTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7517BFTG ONSEMI-NCV7517BFTG Datasheet
265Kb / 23P
   MOSFET Pre-Driver
July, 2009 ??Rev. 0
More results

Similar Description - NCV7517BFTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
NCV7513B ONSEMI-NCV7513B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
264Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
July, 2010 ??Rev. 0
NCV7517 ONSEMI-NCV7517 Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_16 Datasheet
491Kb / 37P
   Hex Low?릗ide MOSFET Pre?릁river
August, 2016 ??Rev. 2
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ON Semiconductor
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
logo
Allegro MicroSystems
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com