Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHA0112D03 Datasheet(PDF) 4 Page - XP Power Limited

Part # IHA0112D03
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IHA0112D03 Datasheet(HTML) 4 Page - XP Power Limited

  IHA0112D03 Datasheet HTML 1Page - XP Power Limited IHA0112D03 Datasheet HTML 2Page - XP Power Limited IHA0112D03 Datasheet HTML 3Page - XP Power Limited IHA0112D03 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IHA01 Series
www.xppower.com
DC-DC Converter
23 Aug 16
Input component C1 is used to help meet EFT test requirements for the module.
Application Note
C1
IHA0105XXXX
470 µF/35 V
IHA0109XXXX
470 µF/35 V
IHA0112XXXX
470 µF/35 V
IHA0115XXXX
470 µF/35 V
IHA0124XXXX
470 µF/35 V
High lim
it
Typical
Load L
ine
Low Lim
it
IHA01
I
Regulation
EFT Filter
Input filter components (C1,C2, C3 and L) are used to help meet conducted emissions requirements for the module. These components should be
mounted as close as possible to the module, and all leads should be minimised to decrease radiated noise.
C1
L
C2
C3
IHA0105XXXX 1206, 4.7 µF/ 50 V 18 µH
IHA0109XXXX 1206, 4.7 µF/ 50 V 18 µH
IHA0112XXXX 1206, 4.7 µF/ 50 V 18 µH
IHA0115XXXX 1206, 4.7 µF/ 50 V 18 µH
IHA0124XXXX 1206, 4.7 µF/ 50 V 18 µH 1210, 2.2 µF/ 100 V 1206, 470 pF/ 2 kV
IHA01
C3
EMI Filter


Similar Part No. - IHA0112D03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA VISHAY-IHA Datasheet
89Kb / 3P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHA-101 VISHAY-IHA-101 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA-102 VISHAY-IHA-102 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA-103 VISHAY-IHA-103 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
More results

Similar Description - IHA0112D03

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com