Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81155 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP81155
Description  MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81155 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP81155 Datasheet HTML 1Page - ON Semiconductor NCP81155 Datasheet HTML 2Page - ON Semiconductor NCP81155 Datasheet HTML 3Page - ON Semiconductor NCP81155 Datasheet HTML 4Page - ON Semiconductor NCP81155 Datasheet HTML 5Page - ON Semiconductor NCP81155 Datasheet HTML 6Page - ON Semiconductor NCP81155 Datasheet HTML 7Page - ON Semiconductor NCP81155 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCP81155
www.onsemi.com
7
APPLICATIONS INFORMATION
The NCP81155 gate driver is a MOSFET driver designed
for driving two N−channel MOSFETs in a synchronous
buck or buck−boost topology.
Low−Side Driver
The low−side driver is designed to drive a ground
referenced low RDS(on) N−channel MOSFET. The voltage
supply for the low−side driver is internally connected to the
VCC and GND pins.
High−Side Driver
The high−side driver is designed to drive a floating low
RDS(on) N−channel MOSFET. The gate voltage for the
high−side driver is developed by a bootstrap circuit
referenced to the SW pin.
The bootstrap circuit is comprised of the integrated diode
and an external bootstrap capacitor. When the NCP81155
is starting up, the SW pin is held at ground, allowing the
bootstrap capacitor to charge up to VCC through the
bootstrap diode. When the PWM input is driven high, the
high−side driver will turn on the high−side MOSFET using
the stored charge of the bootstrap capacitor. As the
high−side MOSFET turns on, the SW pin rises. When the
high−side MOSFET is fully turned on, SW will settle to
VIN and BST will settle to VIN + VCC (excluding parasitic
ringing).
Bootstrap Circuit
The bootstrap circuit relies on an external charge storage
capacitor (CBST) and an integrated diode to provide current
to the high−side driver. A multi−layer ceramic capacitor
(MLCC) with a value greater than 100 nF should be used
for CBST.
Power Supply Decoupling
The NCP81155 can source and sink relatively large
currents to the gate pins of the MOSFETs. In order to
maintain a constant and stable supply voltage, a low−ESR
capacitor should be placed near the VCC and GND pins. A
MLCC between 1
mF and 4.7 mF is typically used.
Undervoltage Lockout
DRVH and DRVL are low until VCC reaches the VCC
UVLO threshold, typically 4.35 V. Once VCC reaches this
threshold, the PWM signal will control DRVH and DRVL.
There is a 200 mV hysteresis on VCC UVLO. There are
pull−down resistors on DRVH and DRVL to prevent the
gates of the MOSFETs from accumulating enough charge
to turn on when the driver is powered off.
Bi−Directional EN Signal
The Enable pin (EN) is used to disable the DRVH and
DRVL outputs to prevent power transfer. When EN is
above the ENHI threshold, DRVH and DRVL change their
states according to the PWM input. A UVLO fault turns on
the internal MOSFET that pulls the EN pin towards ground.
By connecting EN to the DRON pin of a controller, the
controller is alerted when the driver encounters a fault
condition.
PWM Input
Switching PWM between logic−high and logic−low
states will allow the driver to operate in continuous
conduction mode as long as VCC is greater than the UVLO
threshold and EN is high. The threshold limits are specified
in the electrical characteristics table in this datasheet. Refer
to Figure 2 for the gate timing diagrams.
When PWM is set above PWMHI, DRVL will first turn
off after a propagation delay of tpdlDRVL. To ensure
non−overlap between DRVL and DRVH, there is a delay of
tpdhDRVH from the time DRVL falls to 1 V, before DRVH
is allowed to turn on.
When PWM falls below PWMLO, DRVH will first turn
off after a propagation delay of tpdlDRVH. To ensure
non−overlap between DRVH and DRVL, there is a delay of
tpdhDRVL from the time DRVH – SW falls to 1 V, before
DRVL is allowed to turn on.
Thermal Considerations
As power in the NCP81155 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and the ambient
temperature affect the rate of junction temperature rise for
the part. When the NCP81155 has good thermal
conductivity through the PCB, the junction temperature
will be relatively low with high power applications. The
maximum dissipation the NCP81155 can handle is given
by:
P
D(MAX) +
[T
J(MAX) * TA]
RqJA
(eq. 1)
Since TJ is not recommended to exceed 150
°C, the
NCP81155, soldered on to a 645 mm2 copper area, using 1
oz. copper and FR4, can dissipate up to 2.3 W when the
ambient temperature (TA) is 25
°C. The power dissipated by
the NCP81155 can be calculated from the following
equation:
P
D [ VCC
[ n
HS
Qg
HS ) nLS
Qg
LS
f
) I
standby]
(eq. 2)
Where nHS and nLS are the number of high−side and
low−side FETs, respectively, QgHS and QgLS are the gate
charges of the high−side and low−side FETs, respectively
and f is the switching frequency of the converter.


Similar Part No. - NCP81155

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
NCP81155MNTXG ONSEMI-NCP81155MNTXG Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
More results

Similar Description - NCP81155

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
   MOSFET driver
Rev. 01-20 November 2006
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
   MOSFET driver
Rev. 02-28 August 2009
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-24 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
   MOSFET driver
Rev. 01-27 November 2006
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
   MOSFET driver
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
   MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
   MOSFET Driver
logo
NXP Semiconductors
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-20 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com