Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUVA77 Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NUVA77
Description  Surface Mount UV LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVA77 Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NUVA77 Datasheet HTML 2Page - NIC-Components Corp. NUVA77 Datasheet HTML 3Page - NIC-Components Corp. NUVA77 Datasheet HTML 4Page - NIC-Components Corp. NUVA77 Datasheet HTML 5Page - NIC-Components Corp. NUVA77 Datasheet HTML 6Page - NIC-Components Corp. NUVA77 Datasheet HTML 7Page - NIC-Components Corp. NUVA77 Datasheet HTML 8Page - NIC-Components Corp. NUVA77 Datasheet HTML 9Page - NIC-Components Corp. NUVA77 Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
Specifications are subject to change
AMBIENT TEMPERATURE VS. PEAK WAVELENGTH @ 500mA If
NUVA77R365TRF
AMBIENT TEMPERATURE (°C)
370
368
366
364
362
360
70
60
50
40
30
20
80
90
NUVA77V405TRF
AMBIENT TEMPERATURE (°C)
390
388
386
384
382
380
70
60
50
40
30
20
80
90
NUVA77U395TRF
AMBIENT TEMPERATURE (°C)
400
398
396
394
392
390
70
60
50
40
30
20
80
90
Surface Mount UV LED
NUVA77 Series
AMBIENT TEMPERATURE (°C)
410
408
406
404
402
400
70
60
50
40
30
20
80
90
NUVA77T385TRF


Similar Part No. - NUVA77

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NUVA33 NIC-NUVA33 Datasheet
1Mb / 11P
   Surface Mount UV LED
NUVA35 NIC-NUVA35 Datasheet
640Kb / 10P
   Surface Mount UV LED
NUVA66 NIC-NUVA66 Datasheet
872Kb / 12P
   Surface Mount UV LED
More results

Similar Description - NUVA77

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NUVA66 NIC-NUVA66 Datasheet
872Kb / 12P
   Surface Mount UV LED
NUVA35 NIC-NUVA35 Datasheet
640Kb / 10P
   Surface Mount UV LED
NUVA33 NIC-NUVA33 Datasheet
1Mb / 11P
   Surface Mount UV LED
logo
Luminus, Inc
SST-10-UV LUMINUS-SST-10-UV Datasheet
2Mb / 13P
   Surface Mount UV LED
logo
NIC-Components Corp.
NUVC66 NIC-NUVC66 Datasheet
499Kb / 9P
   Surface Mount UV LED
logo
Bivar, Inc.
SM1206UV-400-IL BIVAR-SM1206UV-400-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 400 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-405-IL BIVAR-SM1206UV-405-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 405 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-395-IL BIVAR-SM1206UV-395-IL Datasheet
623Kb / 5P
   SURFACE MOUNT LED 395 nm, 1206 UV IL PACKAGE
Revision B 09/10
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com