Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPM Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPM
Description  Surface Mount Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPM Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPM Datasheet HTML 1Page - NIC-Components Corp. NPM Datasheet HTML 2Page - NIC-Components Corp. NPM Datasheet HTML 3Page - NIC-Components Corp. NPM Datasheet HTML 4Page - NIC-Components Corp. NPM Datasheet HTML 5Page - NIC-Components Corp. NPM Datasheet HTML 6Page - NIC-Components Corp. NPM Datasheet HTML 7Page - NIC-Components Corp. NPM Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NIC
P/N
Inductance
(nH)
Tolerance
DC Resistance
Max. (mOhms)
Isat Current
Max. (mA)*
Irms Current
Max. (mA)*
Maximum
Thickness
(mm)
Reel
Quantity
NPM0806CMR24TR400F
0.24
±20% (M)
40
4.2
4.0
1.0
3,000
NPM0806CMR33TR350F
0.33
±20% (M)
48
4.0
3.5
1.0
3,000
NPM0806CMR47TR300F
0.47
±20% (M)
54
3.2
3.0
1.0
3,000
NPM0806CMR56TR280F
0.56
±20% (M)
59
2.8
2.8
1.0
3,000
NPM0806CMR68TR240F
0.68
±20% (M)
72
2.7
2.4
1.0
3,000
NPM0806CM1R0TR200F
1.0
±20% (M)
96
2.2
2.0
1.0
3,000
NPM0806CM1R5TR160F
1.5
±20% (M)
150
2.1
1.6
1.0
3,000
NPM0806CM2R2TR130F
2.2
±20% (M)
204
2.0
1.3
1.0
3,000
NPM SERIES 0806 CASE SIZE STANDARD VALUES & SPECIFICATIONS
*Irms DT+40°C max., Isat DL -30% max. @ 25°C
Surface Mount Power Inductor
NPM Series
NPM0806
NPM0806
NIC
P/N
Inductance
(nH)
Tolerance
DC Resistance
Max. (mOhms)
Isat Current
Max. (mA)*
Irms Current
Max. (mA)*
Maximum
Thickness
(mm)
Reel
Quantity
NPM0806CMR24TR380F
0.24
±20% (M)
30
5.0
3.8
1.0
3,000
NPM0806CMR47TR290F
0.47
±20% (M)
41
4.0
2.9
1.0
3,000
NPM0806CMR68TR250F
0.68
±20% (M)
53
3.3
2.5
1.0
3,000
NPM0806CM1R0TR220F
1.0
±20% (M)
72
2.8
2.2
1.0
3,000
NPM0806CM2R2TR150F
2.2
±20% (M)
170
1.8
1.5
1.0
3,000
NPM SERIES 0806 CASE SIZE STANDARD VALUES & SPECIFICATIONS
NPM0806
NPM0806


Similar Part No. - NPM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
NPM MERITEK-NPM Datasheet
293Kb / 2P
   Aluminum Electrolytic Capacitors
NPM10V101MTA8X7 MERITEK-NPM10V101MTA8X7 Datasheet
293Kb / 2P
   Aluminum Electrolytic Capacitors
NPM10V101MTR8X7 MERITEK-NPM10V101MTR8X7 Datasheet
293Kb / 2P
   Aluminum Electrolytic Capacitors
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAA-E-R NORDIC-NPM1100-CAAA-E-R Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results

Similar Description - NPM

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com