Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS_LA Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIS_LA
Description  NPIS Shielded Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_LA Datasheet(HTML) 7 Page - NIC-Components Corp.

  NPIS_LA Datasheet HTML 1Page - NIC-Components Corp. NPIS_LA Datasheet HTML 2Page - NIC-Components Corp. NPIS_LA Datasheet HTML 3Page - NIC-Components Corp. NPIS_LA Datasheet HTML 4Page - NIC-Components Corp. NPIS_LA Datasheet HTML 5Page - NIC-Components Corp. NPIS_LA Datasheet HTML 6Page - NIC-Components Corp. NPIS_LA Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS_LA Series
NPIS Shielded Power Inductors
Series
A
B
C
D
Qty/Reel
NPIS30LA
8.4 ± 1.0
50 min.
13.0 ± 0.8
178 ± 2.0
2,000
NPIS32LA
8.4 ± 1.0
50 min.
13.0 ± 0.8
178 ± 2.0
2,000
NPIS35LA
8.4 ± 1.0
50 min.
13.0 ± 0.8
178 ± 2.0
2,000
NPIS40LA
12.0 ± 1.5
100 ± 0.5
13.2 ± 0.5
330 ± 0.5
5,000
NPIS42LA
12.0 ± 1.5
100 ± 0.5
13.2 ± 0.5
330 ± 0.5
4,500
NPIS65LA
16.4 +2.0/-0
80 ± 2.0
13.5 ± 0.5
330 ± 3.0
1,000
NPIS84LA
16.4 +2.0/-0
80 ± 2.0
13.5 ± 0.5
330 ± 3.0
1,000
REEL DIMENSIONS (mm)
C
A
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
60 ~ 180 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 200°C
Time above 245°C
20 ~ 40 seconds
Time above 217°C
60 ~ 150 seconds


Similar Part No. - NPIS_LA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-L NIC-NPIS-L Datasheet
121Kb / 6P
   NPIS Shielded Power Inductors
NPIS-LP NIC-NPIS-LP Datasheet
809Kb / 2P
   NPIS Shielded Power Inductors
NPIS-LS NIC-NPIS-LS Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS_LA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com