Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS_E Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NPIS_E
Description  NPIS Shielded Power Inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_E Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NPIS_E Datasheet HTML 7Page - NIC-Components Corp. NPIS_E Datasheet HTML 8Page - NIC-Components Corp. NPIS_E Datasheet HTML 9Page - NIC-Components Corp. NPIS_E Datasheet HTML 10Page - NIC-Components Corp. NPIS_E Datasheet HTML 11Page - NIC-Components Corp. NPIS_E Datasheet HTML 12Page - NIC-Components Corp. NPIS_E Datasheet HTML 13Page - NIC-Components Corp. NPIS_E Datasheet HTML 14Page - NIC-Components Corp. NPIS_E Datasheet HTML 15Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS_E Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 525 (5.0x5.0x2.5mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DC
Resistance (
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS525E3R3YTRF
3.3
±30% (Y)
100KHz/0.1V
0.06
2.3
1.7
NPIS525E4R7_TRF
4.7
±20% (M), ±30% (Y)
100KHz/0.1V
0.07
2.1
1.6
NPIS525E100_TRF
10
±20% (M), ±30% (Y)
100KHz/0.1V
0.12
1.5
1.3
NPIS525E220_TRF
22
±20% (M), ±30% (Y)
100KHz/0.1V
0.22
1.0
1.1
NPIS525E330_TRF
33
±20% (M), ±30% (Y)
100KHz/0.1V
0.30
0.70
1.0
NPIS525E470_TRF
47
±20% (M), ±30% (Y)
100KHz/0.1V
0.55
0.65
0.70
NPIS525E680_TRF
68
±20% (M), ±30% (Y)
100KHz/0.1V
0.90
0.50
0.55
NPIS525E820_TRF
82
±20% (M), ±30% (Y)
100KHz/0.1V
1.0
0.40
0.50
NPIS525E101_TRF
100
±20% (M), ±30% (Y)
100KHz/0.1V
1.2
0.35
0.45
NPIS525E221_TRF
220
±20% (M), ±30% (Y)
100KHz/0.1V
1.8
0.20
0.30
Part Number
Standard Values - Case Size 530 (5.0x5.0x3.0mm)
Inductance
Value (
μH)
Available
Tolerance
Test
Conditions
DC
Resistance (
Ω)
DC Current Isat
(Arms)
DC Current Irms
(Arms)
NPIS530E1R2_TRF
1.2
±20% (M), ±30% (Y)
100KHz/0.1V
0.04
3.5
2.65
NPIS530E2R2YTRF
2.2
±30% (Y)
100KHz/0.1V
0.057
3.1
2.15
NPIS530E3R3_TRF
3.3
±20% (M), ±30% (Y)
100KHz/0.1V
0.066
2.5
1.8
NPIS530E4R7_TRF
4.7
±20% (M), ±30% (Y)
100KHz/0.1V
0.083
2.0
1.75
NPIS530E6R8_TRF
6.8
±20% (M), ±30% (Y)
100KHz/0.1V
0.099
1.7
1.6
NPIS530E8R2_TRF
8.2
±20% (M), ±30% (Y)
100KHz/0.1V
0.12
1.6
1.5
NPIS530E100_TRF
10
±20% (M), ±30% (Y)
100KHz/0.1V
0.15
1.5
1.4
NPIS530E150_TRF
15
±20% (M), ±30% (Y)
100KHz/0.1V
0.175
1.3
1.2
NPIS530E220_TRF
22
±20% (M), ±30% (Y)
100KHz/0.1V
0.19
1.0
1.1
NPIS530E270_TRF
27
±20% (M), ±30% (Y)
100KHz/0.1V
0.27
0.90
1.0
NPIS530E330_TRF
33
±20% (M), ±30% (Y)
100KHz/0.1V
0.35
0.80
0.90
NPIS530E470_TRF
47
±20% (M), ±30% (Y)
100KHz/0.1V
0.50
0.75
0.75
NPIS530E560_TRF
56
±20% (M), ±30% (Y)
100KHz/0.1V
0.65
0.65
0.65
NPIS530E101_TRF
100
±20% (M), ±30% (Y)
100KHz/0.1V
0.9
0.45
0.55
NPIS530E331_TRF
330
±20% (M), ±30% (Y)
100KHz/0.1V
1.8
0.17
0.42
NPIS530E821_TRF
820
±20% (M), ±30% (Y)
100KHz/0.1V
5.0
0.12
0.26
NPIS530E102_TRF
1000
±20% (M), ±30% (Y)
100KHz/0.1V
5.1
0.11
0.25
Irms/Isat specification is based on +40°C temperature rise or -30% inductance change whichever is less.
PART NUMBERS AND SPECIFICATIONS
Irms/Isat specification is based on +40°C temperature rise or -30% inductance change whichever is less.
PART NUMBERS AND SPECIFICATIONS


Similar Part No. - NPIS_E

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS_E

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com