Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGSA12GN10E6327XTSA1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BGSA12GN10E6327XTSA1
Description  Maximizing battery life and data rate for 3G/4G mobile devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSA12GN10E6327XTSA1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BGSA12GN10E6327XTSA1 Datasheet HTML 1Page - Infineon Technologies AG BGSA12GN10E6327XTSA1 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
Antenna aperture tuning solutions
Maximizing battery life and data rate for 3G/4G mobile devices
In a decade the mobile phones went from simple handheld telephone to supercomputing
feature-full smartphone devices. This transformed the way we access and exchange
information in a ubiquitous way. But all the new features, radios and huge processing
power require always more space and more antennas on a small board. While antenna
size shrunk, larger bandwidth of operation has been requested (LTE, WiFi, etc.) ultimately
resulting in poor antenna performance. Antenna aperture tuning solutions are the
necessary toolbox for smartphone vendors to make small but efficient antennas.
Infineon antenna tuning solutions value
The antenna tuning devices based on Infineon’s RF CMOS switch technology are designed
for ultra-small size, high ruggedness in mismatch conditions, low parasitic and best
linearity. Improved antenna efficiency directly translates into better signal quality, fastest
data transmission and longer battery life. All devices offer generic GPIO interfaces for
smooth antenna control and system integration.
Applications
Smartphones, tablets and other mobile devices
Smart metering
Ultra small 1.5 x 1.1 mm
TSNP-10-1 plastic package
Highest quality level
Improves TIS
(Rx insensitivity to VSWR)
Improves TRP
(Tx insensitivity to VSWR)
Higher flexibility in antenna form
Less system current consumption
(PA) through optimized matching
Key Benefits
www.infineon.com/rfswitches
Product
Product status
Switch type
Control interface
Frequency range
[GHz]
ON state
resistance (R
ON)
[Ω]
OFF state
capacitance (C
OFF)
[fF]
Max operating
voltage (V
PK)
[V]
BGSA12GN10
Production
SPDT
GPIO
0.1 ... 5.0
1.6
120
36
BGSA13GN10
Production
SP3T
GPIO
0.1 ... 5.0
0.81)
120
36
BGSA14GN10
Production
SP4T
GPIO
0.1 ... 5.0
1.6
120
36
1) 1 port optimized for ultra-low 0.8 Ω R
ON


Similar Part No. - BGSA12GN10E6327XTSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA12GN10E6327 INFINEON-BGSA12GN10E6327 Datasheet
33Kb / 1P
   Material Content Data Sheet
7. October 2015
BGSA12GN10E6327 INFINEON-BGSA12GN10E6327_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
7. October 2015
More results

Similar Description - BGSA12GN10E6327XTSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA12GN10 INFINEON-BGSA12GN10 Datasheet
145Kb / 2P
   Maximizing battery life and data rate for 3G/4G mobile devices
09 / 2015
logo
STMicroelectronics
AN1012 STMICROELECTRONICS-AN1012 Datasheet
445Kb / 33P
   Predicting the battery life and data
logo
Suzhou Maswell Communic...
AN_GSM_915 MASWELL-AN_GSM_915 Datasheet
543Kb / 3P
   Ceiling antenna for 4G LTE, 3G and Wifi coverage
logo
Digi International Inc.
WR21 DIGI-WR21 Datasheet
595Kb / 5P
   Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
logo
Qorvo, Inc
QM12038 QORVO-QM12038 Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
logo
Taoglas antenna solutio...
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com