Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGT24AR2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BGT24AR2
Description  Silicon Germanium 24 GHz Twin IQ Receiver MMIC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGT24AR2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BGT24AR2 Datasheet HTML 7Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 8Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 9Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 10Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 11Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 12Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 13Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 14Page - Infineon Technologies AG BGT24AR2 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
BGT24AR2
Silicon Germanium 24 GHz Twin IQ Receiver MMIC
Electrical Characteristics
Data Sheet
11
Revision 3.0, 2013-06-26
2.4
Measured RF Characteristics
2.4.1
Power Supply
2.4.2
RX Section
Table 4
Typical Characteristics
T
A = -40 .. 125 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
3.135
3.3
3.465
V
Supply current
I
CC
70
90
120
mA
Table 5
Typical Characteristics
T
A = -40 .. 125 °C, f = 24.0 .. 24.25 GHz
1)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
RFIN and LOIN frequency
range
f
RFIN, fLOIN
24.0
24.25
GHz
RFIN and LOIN port
impedance
2)
Z
RFIN1
Z
RFIN2
Z
LOIN
14.0-j4.8
14.9-j6.3
27.3+j9.9
Ω
Typical value at
24.125GHz and
VSWR
≤ 2:1
RFIN and LOIN VSWR
VSWR
RFIN,
VSWR
LOIN
2:1
At source port of off
chip compensation
network as pro-
posed
IF frequeny range
f
IF
0–
10
MHz
IF 1/f corner frequency
f
c
–10
20
kHz
IF port impedance
Z
IF
850
1000
1150
Ω
Leakage LOIN to RFIN
L
LOIN=>RFIN
-30
dBm
Parameter based on
IFX eval board
design
Isolation RFIN1 to RFIN2
I
RFIN1-RFIN2
30
dB
Parameter based on
IFX eval board
design
LOIN input power
P
LOIN
-6
3
dBm
Voltage conversion gain
3)
G
C
19
26
31
dB
R
LOAD,IF > 10kΩ
LNA gain reduction
ΔG
CLG
35
8dB
SSB Noise figure
NF
SSB
12
20
dB
Single sideband at
100kHz
1dB input compression
IP
-1dB
-17
-12
dBm
3‘rd order input intercept point
IIP3
-8
-4
dBm
Quadrature phase imbalance
ε
P
-10
10
deg


Similar Part No. - BGT24AR2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGT24AR4 INFINEON-BGT24AR4 Datasheet
2Mb / 23P
   Silicon Germanium 24 GHz Quad Receiver MMIC
Revision 3.2, 2016-01-20
More results

Similar Description - BGT24AR2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGT24MR2 INFINEON-BGT24MR2 Datasheet
1Mb / 25P
   Silicon Germanium 24 GHz Twin IQ Receiver MMIC
Revision 3.1, 2014-03-25
BGT24AR4 INFINEON-BGT24AR4 Datasheet
2Mb / 23P
   Silicon Germanium 24 GHz Quad Receiver MMIC
Revision 3.2, 2016-01-20
BGT24AT2 INFINEON-BGT24AT2 Datasheet
1Mb / 27P
   Silicon Germanium 24 GHz Transmitter MMIC
Revision 3.2, 2016-01-20
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
BGA616 INFINEON-BGA616_11 Datasheet
254Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA614 INFINEON-BGA614_11 Datasheet
252Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA612 INFINEON-BGA612_08 Datasheet
298Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com