Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1282A Datasheet(PDF) 2 Page - Keysight Technologies

Part # U1282A
Description  U1280 Series Handheld Digital Multimeters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1282A Datasheet(HTML) 2 Page - Keysight Technologies

  U1282A Datasheet HTML 1Page - Keysight Technologies U1282A Datasheet HTML 2Page - Keysight Technologies U1282A Datasheet HTML 3Page - Keysight Technologies U1282A Datasheet HTML 4Page - Keysight Technologies U1282A Datasheet HTML 5Page - Keysight Technologies U1282A Datasheet HTML 6Page - Keysight Technologies U1282A Datasheet HTML 7Page - Keysight Technologies U1282A Datasheet HTML 8Page - Keysight Technologies U1282A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Introduction
Gain the confidence to achieve trustworthy measurements thanks to the precision, accuracy
and repeatability of the Keysight Technologies, Inc. U1280 series handheld digital multimeters
(DMMs). Why feel tied to the bench when it comes to the need of troubleshooting electronic
circuits in the system? Now you can get accurate and reliable measurement with 60,000-count
display resolution and 0.025% basic DCV accuracy for troubleshooting electronic circuits of the
system.
Key Features
– 60,000-count dual display
– Up to 0.025% basic DCV accuracy
– Longer battery life up to 800 hours
– Certified to IP 67 for water and dust protection
– Tested to withstand a 3-meter (10-ft) drop
– CAT III 1000 V / CAT IV 600 V overvoltage protection
– Special features1
– Vsense for non-contact voltage detection
– Square wave output for generating pulse width modulation (PWM) signal
– Frequency counter
– Low pass filter
– For Keysight Remote Link solution, add on optional U1117A Infrared (IR)-to-Bluetooth®
adapter to get instant wireless Bluetooth connection
1. U1282A only


Similar Part No. - U1282A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1282A KEYSIGHT-U1282A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1282A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1280 KEYSIGHT-U1280 Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com