Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1273A Datasheet(PDF) 7 Page - Keysight Technologies

Part # U1273A
Description  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1273A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button U1273A Datasheet HTML 3Page - Keysight Technologies U1273A Datasheet HTML 4Page - Keysight Technologies U1273A Datasheet HTML 5Page - Keysight Technologies U1273A Datasheet HTML 6Page - Keysight Technologies U1273A Datasheet HTML 7Page - Keysight Technologies U1273A Datasheet HTML 8Page - Keysight Technologies U1273A Datasheet HTML 9Page - Keysight Technologies U1273A Datasheet HTML 10Page - Keysight Technologies U1273A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Choose Among These Four Models
U1271A
U1272A
U1273A
U1273AX
Basic Features
Display resolution
30,000 counts
30,000 counts
30,000 counts
30,000 counts
Display
LCD
LCD
OLED
OLED
Backlight
Yes
Yes
N/A
N/A
True RMS
AC
AC + DC
AC + DC
AC + DC
Measurements
Voltage
Up to 1000 V AC, DC
Up to 1000 V AC, DC
Up to 1000 V AC, DC
Up to 1000 V AC, DC
Basic dcV accuracy
0.05% + 2 counts
0.05% + 2 counts
0.05% + 2 counts
0.05% + 2 counts
Current
Up to 10 A
(20 A for 30 s)
Up to 10 A
(20 A for 30 s)
Up to 10 A
(20 A for 30 s)
Up to 10 A
(20 A for 30 s)
Resistance
Up to 100 MΩ
Up to 300 MΩ
Up to 300 MΩ
Up to 300 MΩ
Other measurements
Frequency, capacitance,
temperature, continuity,
diode test
Frequency, capacitance,
temperature, continuity,
diode test
Frequency, capacitance,
temperature, continuity,
diode test
Frequency, capacitance,
temperature, continuity,
diode test
AC bandwidth
20 kHz
100 kHz
100 kHz
100 kHz
Low pass filter
Yes
Yes
Yes
Yes
Low impedance mode
Yes
Yes
Yes
Smart Ohm
Yes
Yes
Yes
Safety and Regulatory
Over-voltage safety
protection
CAT III 1000 V,
CAT IV 600 V
CAT III 1000 V,
CAT IV 600 V
CAT III 1000 V,
CAT IV 600 V
CAT III 1000 V,
CAT IV 600 V
General
Logging memory
200 points
10,000 points
10,000 points
10,000 points
Connectivity
Optional IR-USB and
Bluetooth
Optional IR-USB and
Bluetooth
Optional IR-USB and
Bluetooth
Optional IR-USB and
Bluetooth
Operating temperature
–20 to 55 °C
–20 to 55 °C
–20 to 55 °C
–40 to 55 °C
Altitude
3000 meters
3000 meters
3000 meters
3000 meters
Water and dust ingress
protection
IP 54
IP 54
IP 54
IP 54
Battery life
Up to 300 hours 4X AAA
Alkaline
Up to 300 hours 4X AAA
Alkaline
Up to 60 hours 4X AAA
Alkaline
Up to 100 hours 4X AAA
Lithium
Warranty
3 years
3 years
3 years
3 years
7 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Similar Part No. - U1273A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1273A KEYSIGHT-U1273A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1273A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com