Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28513DW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28513DW
Description  ADVANCED PFC/PWM COMBINATION CONTROLLERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28513DW Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC28513DW Datasheet HTML 15Page - Texas Instruments UCC28513DW Datasheet HTML 16Page - Texas Instruments UCC28513DW Datasheet HTML 17Page - Texas Instruments UCC28513DW Datasheet HTML 18Page - Texas Instruments UCC28513DW Datasheet HTML 19Page - Texas Instruments UCC28513DW Datasheet HTML 20Page - Texas Instruments UCC28513DW Datasheet HTML 21Page - Texas Instruments UCC28513DW Datasheet HTML 22Page - Texas Instruments UCC28513DW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517B − DECEMBER 2002 − REVISED AUGUST 2004
19
www.ti.com
APPLICATION INFORMATION
The current sense resistor for the PWM stage, R5, is selected so that at maximum current, its voltage is the
threshold voltage of the peak current comparator (nominally 1.3 V).
R5
+
V
TH PWM stage
I
LIMIT
i
Q2(peak)
In many cases, an input line filter will be necessary in order to meet the requirements of an agency or application.
The input line filter design has been omitted from this procedure due to the vast array of requirements and
circumstances. We urge you to refer to Reference [11] for details.
PFC stage control
The PFC stage is designed in a three-step process. First, set the dynamic range of the multiplier, second,
stabilize the average current control loop and third, stabilize the voltage loop that controls the energy storage
capacitor voltage. Use as much of the dynamic range of the multiplier as possible. The current control loop must
have wide bandwidth in order to follow the instantaneous rectified line voltage. The voltage loop must be slower
than twice the ac line frequency so that it will not compromise the power factor.
multiplier
The dynamic range of the multiplier is a function of the currents and/or voltages of the IAC, VAOUT and VFF
pins. Coordinate the selection process to use the full range of the multiplier and obtain the desired power limiting
features. Select the components R1 and R15 to use the iIAC(t) range and the VVFF range under the condition
that the maximum of the VVAOUT range, described in equation 11. The selection process is similar to the
selection process for UC3854, except for the VFF voltage and MOUT current limitations.[12] In this product
series, the divide-by-square function is internally implemented so that it divides by the greater of 1.4 V or VVFF.
If the 1.4-V level controls the divider, power factor correction may still occur if the VAOUT level is within the
functioning range of the multiplier. Power factor correction occurs during that condition because the multiplier
section functions as a two-input multiplier, rather than a three-input multiplier. Notice that the voltage at the VFF
pin will be proportional to the average of the IAC current. Typically, VVFF=1.4 V at low ac line voltage is set as
the design boundary; the upper boundary of VVFF will remain within the range if the functional ac line voltage
range varies by less than 4.3:1.
0
v i
IAC
(t)
v 500 mA,
0
v V
VAOUT
(t)
v 5V,
1.4 V
v V
VFF v VVREF * 1.4 V
(10)
(11)


Similar Part No. - UCC28513DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28513DW TI-UCC28513DW Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28513DW TI1-UCC28513DW Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28513DWG4 TI1-UCC28513DWG4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28513DWR TI-UCC28513DWR Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28513DWR TI1-UCC28513DWR Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28513DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC38517 TI-UCC38517 Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com