Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9918A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N9918A
Description  FieldFox Handheld Analyzers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9918A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N9918A Datasheet HTML 4Page - Keysight Technologies N9918A Datasheet HTML 5Page - Keysight Technologies N9918A Datasheet HTML 6Page - Keysight Technologies N9918A Datasheet HTML 7Page - Keysight Technologies N9918A Datasheet HTML 8Page - Keysight Technologies N9918A Datasheet HTML 9Page - Keysight Technologies N9918A Datasheet HTML 10Page - Keysight Technologies N9918A Datasheet HTML 11Page - Keysight Technologies N9918A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
08 | Keysight | FieldFox Handheld Analyzers 4/6.5/9/14/18/26.5/32/44/50 GHz - Data Sheet
Trace noise 1, high power, 300 Hz IFBW, Port 1 or port 2
Spec (-10 to 55 ºC)
Frequency
Magnitude (dB rms)
Phase (deg rms)
N991xA, N992xA, N995xA
> 300 kHz to 20 GHz
± 0.004
± 0.07
> 20 to 26.5 GHz
± 0.007
± 0.14
> 26.5 to 30 GHz
± 0.007
± 0.14
> 30 to 50 GHz
± 0.008
± 0.22
Receiver compression
Typical
Frequency
Port 1 or port 2
N991xA, N992xA
500 MHz to 1 GHz
+10 dBm, 0.15 dB compression
> 1 to 26.5 GHz
+10 dBm, 0.10 dB compression
N995xA
2 MHz to 50 GHz
+5 dBm, 0.10 dB compression
Maximum input level
Port 1 or port 2
Average CW power
DC
N991xA, N992xA
+27 dBm, 0.5 watts
± 50 VDC
N995xA
+25 dBm, 0.3 watts
± 40 VDC
Cable and Antenna Analyzer and Vector Network Analyzer (continued)
Test port input specifications
Immunity to interfering signals
Nominal
+16 dBm
1. For CAT mode, increase trace noise by a factor of 5.7, as CAT mode IFBW is fixed at 10 kHz. Can use averaging in CAT mode to reduce trace noise or use VNA
mode with 300 Hz IFBW.


Similar Part No. - N9918A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9912A KEYSIGHT-N9912A Datasheet
2Mb / 34P
   N9912A FieldFox RF Handheld Analyzer
N9912A-030 KEYSIGHT-N9912A-030 Datasheet
2Mb / 34P
   N9912A FieldFox RF
N9912A-111 KEYSIGHT-N9912A-111 Datasheet
2Mb / 34P
   Handheld Analyzer
N9912A-302 KEYSIGHT-N9912A-302 Datasheet
2Mb / 34P
   N9912A FieldFox RF
N9912A-308 KEYSIGHT-N9912A-308 Datasheet
2Mb / 34P
   Handheld Analyzer
More results

Similar Description - N9918A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9938A KEYSIGHT-N9938A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9935A KEYSIGHT-N9935A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9928A KEYSIGHT-N9928A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9936A KEYSIGHT-N9936A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9960A KEYSIGHT-N9960A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9951A KEYSIGHT-N9951A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9961A KEYSIGHT-N9961A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9913A-010 KEYSIGHT-N9913A-010 Datasheet
6Mb / 48P
   FieldFox Handheld Analyzers
N9937A KEYSIGHT-N9937A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com