Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7123QU Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC7123QU
Description  10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7123QU Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC7123QU Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7123QU Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
VE
LO
CIT
YT
M
VITESSE
SEMICONDUCTOR CORPORATION
VSC7123
10-Bit Transceiver for Fibre
Channel and Gigabit Ethernet
Data Sheet
G52212-0, Rev 4.3
Page 11
03/25//01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics (over recommended operating conditions)
NOTE: (1) Refer to Application Note, AN-37, for differential measurement techniques.
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
——
V
IOH = –1.0 mA
VOL
Output LOW voltage (TTL)
——
0.5
V
IOL = +1.0 mA
VIH
Input HIGH voltage (TTL)
2.0
5.5
V
5V Tolerant Inputs
VIL
Input LOW voltage (TTL)
0
0.8
V
IIH
Input HIGH current (TTL)
50
500
µA
VIN = 2.4V
IIL
Input LOW current (TTL)
——
-500
µA
VIN = 0.5V
V
OUT75
(1)
TX output differential peak-
to-peak voltage swing
1200
2200
mVp-p
75
to V
DD – 2.0V
(TX+) - (TX-)
V
OUT50
(1)
TX output differential peak-
to-peak voltage swing
1000
2200
mVp-p
50
to V
DD – 2.0V
(TX+) - (TX-)
V
IN
(1)
RX Input differential peak-
to-peak input sensitivity
300
2600
mVp-p
Internally biased to VDD/2
(RX+) - (RX-)
VDD
Supply voltage
3.14
3.47
V
3.3V±5%
PD
Power dissipation
650
900
mW
Outputs open,
VDD = VDD max
IDD
Supply current (all supplies)
190
260
mA
Outputs open, Case temp =
95
oC, V
DD = VDD max
IDDA
Analog supply current
——
100
mA
VDDA = VDDA max


Similar Part No. - VSC7123QU

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
VSC7124QM VITESSE-VSC7124QM Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
More results

Similar Description - VSC7123QU

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com